전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2139BAB-R

  • AI
    The part number **F2139BAB-R** refers to a specialized electronic component, typically classified as a **High-Frequency SAW (Surface Acoustic Wave) Filter**. These components are critical in wireless communication for filtering specific signal frequencies while rejecting interference. ### 1. Component Overview The F2139BAB-R is designed to operate within specific radio frequency (RF) bands. It is commonly used in mobile telecommunications (LTE/5G), GPS modules, and Wi-Fi systems. --- ### 2. Technical Specifications Below are the typical characteristics of a SAW filter in this series: | Feature | Description | | :--- | :--- | | **Component Type** | SAW Filter (Surface Acoustic Wave) | | **Function** | Bandpass Filtering | | **Frequency Range** | Usually optimized for specific bands (e.g., 2.1 GHz range) | | **Package Type** | SMD (Surface Mount Device) | | **Mounting Style** | Lead-free / RoHS Compliant | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 3. Key Electronic Characteristics * **Insertion Loss:** This part is engineered to have low insertion loss to ensure the signal strength is maintained as it passes through the filter. * **Selectivity:** It provides high rejection of out-of-band signals, which prevents "noise" from interfering with the desired frequency. * **Impedance Matching:** Designed with standard 50-ohm input/output impedance to integrate easily into RF front-end circuits. * **Size:** These parts are extremely small (often 1.1x0.9mm or similar), allowing for high-density PCB layouts in smartphones. --- ### 4. Typical Application Circuit In a circuit, the F2139BAB-R acts as a gatekeeper between the antenna and the transceiver. ```mermaid graph LR A[Antenna] --> B[LNA - Low Noise Amp] B --> C[F2139BAB-R SAW Filter] C --> D[RF Transceiver/Processor] ``` ### 5. Deciphering the Suffix * **-R**: The suffix almost always denotes **Tape and Reel** packaging. This is intended for automated pick-and-place machines used in mass manufacturing, rather than manual prototyping (which would be sold in "bulk" or "cut tape"). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific center frequency for the F2139BAB-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ Can this part be used in automotive RF applications?