전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2139BABE-R

  • AI
    The **F2139BABE-R** belongs to the Renesas H8S/2139 family. It is a 16-bit single-chip microcomputer unit (MCU) built around the high-performance H8S/2000 CPU core. It is primarily used in system control applications such as PC peripherals, office automation, and industrial equipment. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **CPU Core** | H8S/2000 (16-bit) | | **Flash Memory (ROM)** | 128 KB | | **RAM** | 4 KB | | **Operating Voltage** | 3.0V to 3.6V (Standard) / 4.5V to 5.5V | | **Max Frequency** | 20 MHz | | **Package Type** | 80-pin LQFP (FP-80L) | | **I/O Ports** | 58 General Purpose I/O lines | --- ### 2. Core Architecture and Features #### CPU Performance The H8S/2000 core is designed for high-speed processing. It features an internal 16-bit architecture and a 32-bit internal configuration for registers, allowing it to handle complex arithmetic efficiently. It operates on an instruction set upward-compatible with the H8/300 and H8/300H series. #### On-Chip Memory * **Flash ROM:** 128 KB of onboard programmable memory allows for firmware updates in the field. * **Static RAM:** 4 KB of high-speed RAM for data buffering and stack operations. #### Peripheral Functions 1. **Timers:** * **8-bit Timer (TMR):** 2 channels for event counting or pulse generation. * **16-bit Free-Running Timer (FRT):** 1 channel for input capture and output compare. * **Watchdog Timer (WDT):** 2 channels to prevent system hang-ups. 2. **Communication Interfaces:** * **Serial Communication Interface (SCI):** 3 channels supporting asynchronous or synchronous communication. * **I2C Bus Interface:** Optional (depending on the specific sub-version) for communicating with EEPROMs or sensors. 3. **Analog-to-Digital Converter (ADC):** * 10-bit resolution with 8 input channels, used for sensing analog voltages from environmental sensors. 4. **PWM (Pulse Width Modulation):** * Used for motor control or brightness adjustment in displays. --- ### 3. Application Use Cases The F2139BABE-R is frequently integrated into "Baseboard Management Controllers" (BMCs) or system controllers due to its robust I/O capabilities. * **Server Management:** Monitoring power supplies, fans, and temperatures. * **Consumer Electronics:** Controlling user interfaces and managing battery charging. * **Industrial Control:** Managing sensor data and executing real-time control loops. --- ### 4. Part Number Breakdown * **F:** Flash Memory version. * **2139:** Part of the H8S/2138/2134 Series. * **B:** Specific revision or feature set (e.g., enhanced I2C or specific voltage range). * **A:** Package Designator. * **BE:** Lead-free/Environmental compliance codes. * **-R:** Generally indicates "Taping and Reeling" for automated SMT assembly.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption profiles for the F2139BABE-R in sleep mode?
    • ⤷ Which development tools or compilers are recommended for the H8S/2000 core?
    • ⤷ Is the F2139BABE-R still in active production or is it EOL (End of Life)?