전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2139BAE-R

  • AI
    ## Overview of the F2139BAE-R The **F2139BAE-R** belongs to the **H8S/2139** series of microcontrollers manufactured by Renesas Electronics (formerly Hitachi). It is an 8-bit/16-bit single-chip RISC-based microcontroller designed primarily for embedded control systems, particularly in power management, battery monitoring, and smart card interfaces. --- ### Core Technical Specifications | Feature | Specification | | :--- | :--- | | **CPU Core** | H8S/2000 (Internal 16/32-bit architecture) | | **Memory (Flash)** | 128 KB | | **Memory (RAM)** | 4 KB | | **Max Clock Speed** | 20 MHz | | **Operating Voltage** | 3.0V to 3.6V (or 4.5V to 5.5V depending on variant) | | **Package Type** | QFP (Quad Flat Package) | | **Operating Temperature** | -20°C to +75°C | --- ### Key Electronic Components & Subsystems #### 1. The CPU Architecture The H8S/2000 core is a high-speed processor that executes most instructions in one or two states. It features: * Sixteen 16-bit general-purpose registers. * A concise and optimized instruction set for C language compilers. #### 2. Peripheral Modules The chip integrates several hardware blocks to handle real-world signals: * **A/D Converter:** 10-bit resolution, typically 8 channels. Used for reading analog sensors (temperature, voltage). * **D/A Converter:** 8-bit resolution, 2 channels. Used for generating analog output waveforms. * **Timers:** Includes a 16-bit free-running timer (FRT), an 8-bit timer (TMR), and a watchdog timer (WDT) to ensure system stability. * **Communication Interfaces:** * **SCI (Serial Communication Interface):** Supports asynchronous and clocked synchronous modes. * **I2C Bus Interface:** Commonly used for communicating with EEPROMs or other ICs. #### 3. Power Management The "R" suffix in the part number often indicates a specific revision or packaging standard (like RoHS compliance). The part includes: * **Low-Power Modes:** Includes Sleep mode, Software Standby mode, and Module Stop mode to conserve battery life. --- ### Typical Application Diagram (Logic Flow) ```mermaid graph LR Sensors --> ADC[A/D Converter] ADC --> H8S_Core[H8S/2000 CPU] H8S_Core --> Memory[128KB Flash / 4KB RAM] H8S_Core --> SCI[Serial Interface] SCI --> PC/Host H8S_Core --> PWM[Timer/PWM Output] PWM --> Motor_Control ``` --- ### Comparison with Similar Models | Model | Flash Memory | RAM | Key Difference | | :--- | :--- | :--- | :--- | | **F2138BAE** | 128 KB | 4 KB | Lower peripheral count | | **F2139BAE-R** | **128 KB** | **4 KB** | **Standard Configuration** | | **F2144BAE** | 128 KB | 4 KB | Enhanced I/O capabilities | ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the QFP package of this microcontroller?
    • ⤷ Which development tools or IDEs are recommended for programming the H8S series?
    • ⤷ Does the F2139BAE-R support in-system programming (ISP)?