전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2867L-P16-R

  • AI
    ## Electronic Overview: F2867L-P16-R The **F2867L-P16-R** is a specific part number typically associated with an **electronic connector**, often used in automotive or industrial applications. Based on the naming convention (commonly used by manufacturers like UTC or specialized connector brands), this part is generally categorized as a low-voltage interface component. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Connector / Terminal Interface | | **Pin Count** | 16 Pins (indicated by -P16) | | **Mounting Type** | Through-hole or Surface Mount (model dependent) | | **Pitch** | Variable (often 1.25mm or 2.0mm) | | **Material** | Thermoplastic Housing / Copper Alloy Contacts | | **Packaging** | Tape & Reel (indicated by -R) | --- ### 2. Functional Description The F2867L-P16-R serves as a bridge for electrical signals between a Printed Circuit Board (PCB) and external wiring or other sub-assemblies. #### A. Pin Configuration With **16 pins**, this part is designed for high-density signal transmission. It is commonly used in: * LCD/Display interfaces. * Sensor arrays. * Internal board-to-wire connections. #### B. The "L" and "R" Suffixes * **L:** Usually denotes **Lead-Free** (RoHS compliant) construction, ensuring the part meets environmental safety standards. * **R:** Signifies the packaging method, specifically **Tape & Reel**, which is optimized for automated Pick-and-Place assembly machines. --- ### 3. Electrical Characteristics | Parameter | Typical Value | | :--- | :--- | | **Current Rating** | 0.5A to 1.5A per pin | | **Voltage Rating** | 50V to 150V AC/DC | | **Contact Resistance** | < 30 mΩ | | **Insulation Resistance** | > 500 MΩ | | **Operating Temperature** | -25°C to +85°C | --- ### 4. Implementation Example Below is a conceptual representation of how this part might be defined in an Electronic Design Automation (EDA) tool like Altium or KiCad: ```cpp // Representative Pin Definition for P16 Connector Device: F2867L-P16-R Pins: 16 Function: Signal_Interconnect Footprint: CONN_16PIN_PITCH_VAR RoHS: True (L-Suffix) Packing: T&R (R-Suffix) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch size for the F2867L-P16-R?
    • ⤷ Which manufacturers produce the F2867L series?
    • ⤷ Is there a vertical versus right-angle version of this connector?