전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2PP-11R-R

  • AI
    The **F2PP-11R-R** is a specific part number belonging to the **F2PP series** of miniature power relays, typically manufactured by companies like **Fujitsu** (or Takamisawa). These relays are widely used in industrial automation, consumer electronics, and automotive interfaces. --- ### 1. Technical Specifications Table Below are the primary electronic characteristics of the F2PP-11R-R: | Feature | Specification | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Coil Voltage** | Typically 12V or 24V DC (Model dependent) | | **Rated Load** | 5A to 10A at 250VAC / 30VDC | | **Contact Material** | Silver Alloy (often Gold-plated for low signals) | | **Mounting Type** | PCB Through-Hole | | **Terminal Pitch** | Standard DIP layout | | **Environmental** | Flux-proof or Washable (Sealed) | --- ### 2. Breakdown of Part Components The part number "F2PP-11R-R" provides specific information about its internal construction: * **F2PP Series:** Refers to the physical frame size and "Flat" or "Power" profile, designed for high-density PCB mounting. * **Contact Arrangement:** The "11" usually denotes a single-pole configuration. * **R - Sensitivity:** Often indicates a "High Sensitivity" coil, meaning the relay requires less power (lower milliamps) to trigger the electromagnetic switch. * **R - Packaging/RoHS:** The final "R" usually indicates compliance with RoHS standards or specific tape-and-reel/tube packaging for automated assembly. --- ### 3. Key Electronic Functions #### A. The Coil (Input Side) The coil is the "actuator" of the relay. When a DC current passes through the copper winding, it creates a magnetic field. Because this specific model is often "High Sensitivity," it allows the relay to be driven directly by smaller transistors or integrated circuits without overheating. #### B. The Contacts (Output Side) The contacts are designed to handle high-power loads while maintaining low contact resistance. * **Arcing Protection:** The material is chosen to minimize "pitting" when switching inductive loads. * **Isolation:** There is a high dielectric strength between the coil and the contacts (usually >2,000V), ensuring the control circuit (low voltage) is safe from the load circuit (high voltage). --- ### 4. Typical Applications * **Smart Home:** Controlling light switches or smart plugs. * **Industrial:** PLC (Programmable Logic Controller) output modules. * **Appliances:** Turning on heating elements in coffee makers or dishwashers.
    ✨ Follow-up Questions
    • ⤷What is the exact coil resistance for the 12V version of this relay?
    • ⤷ Can this relay be used for switching AC inductive loads like motors?
    • ⤷ What are the physical dimensions for PCB footprint planning?