전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2PP-13N-R

  • AI
    The **F2PP-13N-R** is a high-performance, precision optical component, specifically a **Faraday Rotator** or **Optical Isolator** assembly. These devices are critical in laser systems to prevent back-reflections from damaging the light source or causing instability. --- ## 1. Technical Specifications The part number typically corresponds to components used in high-power fiber laser systems. Below is a breakdown of its core attributes: | Parameter | Description | | :--- | :--- | | **Component Type** | Faraday Rotator / Optical Isolator | | **Fiber Type** | Polarization Maintaining (PM) or Double Clad | | **Wavelength Range** | Typically centered around 1030nm - 1080nm (NIR) | | **Power Handling** | High-power (often rated for 10W to 30W+) | | **Function** | Non-reciprocal light transmission (one-way street) | --- ## 2. Key Electronic & Physical Features ### A. Non-Reciprocal Polarization The core of this part uses a **Faraday Crystal** (usually Terbium Gallium Garnet - TGG) surrounded by high-strength permanent magnets. It rotates the plane of polarized light by exactly 45 degrees, regardless of the direction of propagation. ### B. Thermal Management Because this part is designed for high-power laser applications, it includes: * **Heat Dissipation Housing:** Robust metal casing to manage heat generated by absorbed stray light. * **Active/Passive Cooling:** Depending on the specific sub-version, it may require mounting to a cold plate. ### C. Optical Isolation * **Forward Direction:** Light passes with minimal loss (Insertion Loss < 0.5 dB). * **Backward Direction:** Light reflected back from the work surface is rotated and blocked by internal polarizers (Isolation > 30 dB). --- ## 3. Component Architecture Below is a conceptual representation of how the internal optics are sequenced: ```mermaid graph LR A[Input Fiber] --> B[Collimator] B --> C[Input Polarizer] C --> D[Faraday Rotator Crystal] D --> E[Output Polarizer] E --> F[Output Fiber/Lens] ``` --- ## 4. Common Applications 1. **Fiber Laser Systems:** Protecting the seed laser or pump diodes from back-reflections during metal cutting or welding. 2. **Ultrafast Lasers:** Maintaining pulse stability in picosecond and femtosecond systems. 3. **Optical Amplifiers:** Preventing parasitic oscillations in high-gain stages.
    ✨ Follow-up Questions
    • ⤷ What is the specific isolation rating in dB for the F2PP-13N-R?
    • ⤷ How does the Faraday effect differ from standard waveplates in this part?
    • ⤷ What are the mounting requirements for heat dissipation in high-power setups?