F2PP-15R-R
AI

The **F2PP-15R-R** is a specific part number typically associated with professional-grade high-current components, most commonly found in the catalog of manufacturers like **Zierick Manufacturing Corp**. It represents a high-current PCB terminal or fuse clip assembly designed for power distribution.
---
### 1. Technical Specifications
The "F2PP" series is engineered for high-performance connectivity. Below are the typical electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | High-Current PCB Terminal / Fuse Clip |
| **Current Rating** | Typically 15A to 30A (depending on trace width) |
| **Material** | C11000 Copper (High Conductivity) |
| **Plating** | Tin over Copper (to prevent oxidation) |
| **Mounting Type** | Through-hole (Solder Mount) |
| **Orientation** | Right-Angle (R) |
---
### 2. Physical Design & Construction
The "R-R" suffix in the part number usually denotes the mechanical orientation and the packaging style (Tape & Reel).
* **Body Material:** Made from oxygen-free copper to ensure the lowest possible electrical resistance. This prevents heat buildup at high currents.
* **Dual-Prong Design:** The "2P" designation often refers to two solder legs (prongs). This provides mechanical stability and increases the surface area for current flow into the PCB.
* **Right-Angle Configuration:** The part is designed to accept wires or fuses parallel to the board, saving vertical space in tight enclosures.
---
### 3. Electronic Applications
These parts are used in power-sensitive circuits where standard headers would melt or cause significant voltage drops.
1. **Power Supplies:** Used as an interface for high-voltage DC input/output.
2. **Automotive Electronics:** Ideal for 12V/24V systems requiring robust vibration-resistant connections.
3. **Industrial Controls:** Acts as a heavy-duty terminal for motor controllers or relay boards.
4. **Fuse Holders:** Often serves as the physical clip for blade-style fuses.
---
### 4. Mounting Example (PCB Layout)
If you are integrating this into a CAD tool (like Altium or KiCad), the footprint should account for high-current thermal relief:
```text
PCB Footprint Requirements:
- Hole Diameter: ~1.6mm to 2.0mm (standard for heavy prongs)
- Solder Pad: Large annular ring to support high current
- Trace Width: 3oz or 4oz copper traces recommended for 15A+
```
- ⤷
What is the maximum temperature rating for the F2PP-15R-R?
- ⤷ Can this part be used with automated SMT pick-and-place machines?
- ⤷ What is the recommended solder profile for this high-conductivity copper part?