전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2SP-6-R

  • AI
    The **F2SP-6-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch) within the electronics hardware industry. These components are fundamental in human-machine interface (HMI) design. --- ### 1. Component Identification | Property | Description | | :--- | :--- | | **Component Type** | Tactile Switch | | **Circuit Configuration** | SPST (Single Pole Single Throw) | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Switch Function** | Momentary (Normally Open) | | **Common Application** | Consumer electronics, PCBs, handheld devices | --- ### 2. Physical Characteristics The "F2SP-6-R" nomenclature usually breaks down into specific physical traits: * **Form Factor:** It is a low-profile switch designed to be soldered directly onto the surface of a Printed Circuit Board (PCB). * **Actuation Type:** Top-actuated (pressed from above). * **Dimensions:** Usually follows a standard footprint (often $6 \times 6$ mm or similar, though exact sizing depends on the manufacturer's datasheet). * **Packaging:** The "R" suffix typically denotes **Tape & Reel** packaging, which is standard for automated "pick-and-place" assembly lines. --- ### 3. Electrical Specifications While exact values can vary slightly by brand (such as Diptronics or similar manufacturers), the standard specifications for this class of switch are: * **Contact Rating:** 50mA at 12V DC. * **Insulation Resistance:** 100MΩ minimum at 100V DC. * **Dielectric Strength:** 250V AC for 1 minute. * **Contact Resistance:** 100mΩ maximum. * **Operating Force:** Usually ranges between 100gf and 260gf (Grams-force), providing a "clicky" tactile feedback to the user. --- ### 4. Implementation Example In a digital circuit, this switch is typically used as an input to a microcontroller (MCU). Because it is **Momentary NO (Normally Open)**, the circuit is only closed while the button is physically held down. ```cpp // Example: Arduino pseudocode for reading F2SP-6-R status const int buttonPin = 2; // Pin connected to the switch int buttonState = 0; // Variable for reading status void setup() { pinMode(buttonPin, INPUT_PULLUP); // Use internal resistor } void loop() { buttonState = digitalRead(buttonPin); if (buttonState == LOW) { // Switch is pressed (circuit closed to ground) digitalWrite(LED_BUILTIN, HIGH); } else { digitalWrite(LED_BUILTIN, LOW); } } ``` --- ### 5. Common Uses 1. **Reset Buttons:** Used on development boards (like Arduino or ESP32). 2. **Interface Navigation:** "Up/Down/Enter" buttons on household appliances. 3. **Power Switches:** Low-power toggle for battery-operated devices.
    ✨ Follow-up Questions
    • ⤷What are the specific soldering temperature profiles for the F2SP-6-R?
    • ⤷ How does the 'R' suffix impact the manufacturing process compared to bulk packaging?
    • ⤷ Are there waterproof versions (IP67) of this specific switch model?