전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2SP-6-R/Q

  • AI
    The **F2SP-6-R/Q** is a specific part number typically associated with **Pressure Sensors** or **Pressure Switches**, often manufactured by companies like **SMC** or specialized industrial electronics firms. These components are used to monitor fluid or air pressure and convert it into an electrical signal for process control. Below is an explanation of its electronic components and characteristics. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic attributes: | Feature | Specification | | :--- | :--- | | **Output Type** | PNP or NPN Open Collector (Digital) | | **Pressure Range** | Generally Vacuum to Positive Pressure (Standard: -0.1 to 1.0 MPa) | | **Power Supply** | 12 to 24 VDC (Operating range 10.8 to 26.4 VDC) | | **Switching Logic** | Normally Open (NO) or Normally Closed (NC) | | **Response Time** | < 2.5 ms (Protects against pressure spikes) | | **Current Consumption** | $\le$ 40 mA | --- ### 2. Internal Electronic Structure The device consists of four main electronic stages: 1. **Sensing Element (MEMS):** A silicon-based micro-machined diaphragm with piezoresistive elements. When pressure is applied, the resistance changes. 2. **Signal Conditioning (ASIC):** An internal integrated circuit amplifies the tiny millivolt signal from the sensor to a usable voltage level. 3. **Comparator/Microcontroller:** Compares the measured pressure against the "Set Point" (hysteresis). 4. **Output Transistor:** A robust transistor (R/Q usually denotes the specific wiring/output configuration) that acts as a switch to trigger a PLC or Relay. --- ### 3. Wiring Diagram (Typical) Electronic sensors of this type usually follow a 3-wire or 4-wire color-coding standard: ```mermaid graph LR A[Brown: +VDC] --- B(Internal Circuitry) C[Blue: 0V/GND] --- B B --- D[Black: Digital Output] B --- E[White: Optional/Analog Out] ``` * **Brown:** Positive power (12-24V). * **Blue:** Ground (0V). * **Black:** Control output (Connects to the PLC input). --- ### 4. Meanings of the Suffixes (R/Q) In industrial electronic parts coding: * **-R:** Often signifies a specific **Lead Wire** type (e.g., Oil-resistant or robotic cable) or a specific mounting orientation. * **-Q:** Usually indicates **CE Compliance** (Global safety standards) or a specific connector type (like M8 or M12 quick-disconnect). --- ### 5. Application Circuit If you are connecting this to an Arduino or a PLC, ensure you use a pull-up or pull-down resistor depending on whether the output is NPN or PNP to prevent "floating" signals. ```python # Example logic for a Pressure Switch Input if pressure_switch_pin == HIGH: stop_pump() print("Target Pressure Reached") ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP outputs in these sensors?
    • ⤷ How do I calibrate the set point for the F2SP series?
    • ⤷ What is the maximum current load the output transistor can handle?