전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2SP-F-R/Q

  • AI
    The **F2SP-F-R/Q** is a high-performance, single-axis digital servo driver (servo amplifier) developed by **Sankyo Seiki** (now Nidec Sankyo). These units are typically used in precision industrial automation, specifically for controlling AC Servo Motors in robotics and semiconductor manufacturing. --- ## 1. Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Model Type** | F2SP-F Series (Digital Servo Driver) | | **Control Axis** | Single Axis | | **Input Voltage** | AC 200V - 230V (Single/Three Phase) | | **Control Method** | Pulse Train or Analog Voltage Control | | **Feedback System** | Incremental or Absolute Encoder Support | | **Communication** | RS-232C / RS-422 Interface | --- ## 2. Key Electronic Components & Functions The internal electronic architecture of the F2SP-F-R/Q is divided into several critical functional blocks: ### A. Power Conversion Stage (Inverter) * **IPM (Intelligent Power Module):** The heart of the unit. It contains IGBTs (Insulated Gate Bipolar Transistors) that switch high-voltage DC into a PWM (Pulse Width Modulation) AC output to drive the motor. * **Rectifier Bridge:** Converts the AC input voltage into DC. * **Electrolytic Capacitors:** Large "bus" capacitors that smooth the DC voltage and store energy for sudden torque demands. ### B. Control Logic (The "Brain") * **DSP/MCU (Digital Signal Processor):** Executes high-speed PID control loops for position, speed, and torque. * **ASIC/FPGA:** Handles real-time encoder feedback processing to ensure sub-millimeter positioning accuracy. ### C. Feedback & I/O Interface * **Encoder Interface:** Circuitry designed to read differential signals from the motor encoder (A, B, Z phases). * **I/O Terminals:** Opto-isolated inputs and outputs for "Servo Ready," "Alarm," and "Emergency Stop" signals to protect the electronics from external electrical noise. --- ## 3. Model Suffix Identification The "R/Q" designation usually refers to specific hardware configurations or firmware revisions: * **-R:** Often denotes a "Relay" output or a specific Revision level. * **-Q:** Frequently indicates a specific high-speed pulse train input capability or a "Quick-response" tuning profile. * **Note:** In Sankyo nomenclature, these letters can also represent specialized connectors (e.g., specific Hirose or industrial circular connectors). --- ## 4. Maintenance and Fault Indicators The F2SP series features a diagnostic display (usually 7-segment LEDs) to indicate electronic status: 1. **Overcurrent (OC):** Indicates a short circuit in the motor leads or a failure of the internal IPM. 2. **Overvoltage (OV):** Usually caused by rapid deceleration where the motor acts as a generator, exceeding the capacity of the internal regenerative resistor. 3. **Encoder Error (EC):** Electronic failure in the feedback loop or a broken wire in the encoder cable.
    ✨ Follow-up Questions
    • ⤷ What is the specific motor compatibility list for the F2SP-F series?
    • ⤷ How do I troubleshoot an 'Overcurrent' error on this specific driver?
    • ⤷ Where can I find the wiring diagram for the R/Q connector interface?