전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2TS-05-R

  • AI
    The **F2TS-05-R** is a specific model of a **Thermal Sensor / Thermal Reed Switch**. These components are typically used for temperature control, overheating protection, and environmental sensing in industrial and consumer electronics. --- ### 1. General Specifications The "F2TS" series generally refers to thermal sensors that utilize the Curie temperature property of magnetic materials to open or close a switch. | Parameter | Typical Value / Description | | :--- | :--- | | **Part Number** | F2TS-05-R | | **Component Type** | Thermal Reed Switch (Thermostat) | | **Operational Temp** | 50°C (Indicated by the "05") | | **Contact Type** | Normally Closed (NC) or Normally Open (NO) * | | **Mounting Type** | Through-hole / PCB Mount | | **Reset Type** | Automatic (Resets when temp drops) | *\*Note: Most F2TS units are standard "Make" or "Break" contacts depending on the specific suffix.* --- ### 2. How it Works (Reed Switch Technology) Unlike a digital thermistor (NTC/PTC) that provides a variable resistance, the F2TS-05-R acts as a **physical switch**. 1. **Magnetic Material:** The device contains a permanent magnet and a "Thermosense" ferrite material. 2. **The Curie Point:** When the ambient temperature reaches approximately **50°C**, the magnetic properties of the ferrite change (it reaches its Curie Point). 3. **Switching Action:** This change in magnetism causes the internal reed switch contacts to either snap shut or spring open. 4. **Reliability:** Because the switching is based on a physical property of the material rather than a mechanical spring or electronic circuit, it is highly reliable and has a long lifecycle. --- ### 3. Key Electronic Characteristics * **Voltage Rating:** Usually rated for low voltage DC (e.g., 12V - 24V) or low current AC applications. * **Current Capacity:** Designed for signal-level switching (often < 1 Amp). It is frequently used to trigger a relay or a microcontroller interrupt rather than driving a heavy load directly. * **Hysteresis:** There is a built-in "differential" temperature. If it triggers at 50°C, it may not reset until the temperature drops back to 45°C or 40°C to prevent rapid "chattering" (flickering). --- ### 4. Common Applications * **Battery Protection:** Monitoring Li-ion packs to prevent charging/discharging if the temperature exceeds 50°C. * **Power Supplies:** Monitoring transformer heat levels. * **Home Appliances:** Safety shut-off for coffee makers, heaters, or small motors. * **Industrial Automation:** Overheat detection in control cabinets.
    ✨ Follow-up Questions
    • ⤷ What is the exact contact configuration (NC or NO) for the 'R' suffix in this series?
    • ⤷ How does the hysteresis of a thermal reed switch compare to a standard bimetallic thermostat?
    • ⤷ Can the F2TS-05-R be used to drive a high-current AC motor directly?