전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2TS-06-R

  • AI
    ## Technical Overview of the F2TS-06-R The **F2TS-06-R** is a specific type of electronic connector, typically categorized as a **FFC (Flexible Flat Cable) / FPC (Flexible Printed Circuit) connector**. These components are essential in modern electronics for creating high-density connections between a main PCB and peripherals like displays, touchpads, or sensors. --- ### 1. Key Technical Specifications Based on standard nomenclature for this series, here are the primary electronic and mechanical attributes: | Feature | Specification | Description | | :--- | :--- | :--- | | **Pin Count** | 6 Positions | Features 6 conductive contact points. | | **Pitch** | 0.5mm or 1.0mm | The center-to-center distance between pins (varies by sub-series). | | **Mounting Type** | Surface Mount (SMD/SMT) | Soldered directly onto the surface of the PCB. | | **Orientation** | Right Angle | The cable enters parallel to the PCB surface. | | **Contact Type** | Top/Bottom Contact | Determines which side of the cable the pins touch. | | **Locking Mechanism** | ZIF or Non-ZIF | Zero Insertion Force (usually involves a flip-lock or slider). | --- ### 2. Electronic Characteristics The performance of the F2TS-06-R is defined by its ability to handle signals and power without interference: * **Current Rating:** Typically ranges from **0.5A to 1.0A** per pin. * **Voltage Rating:** Usually rated for **50V to 125V (AC/DC)**. * **Contact Resistance:** Extremely low (often **<30mΩ**) to ensure signal integrity and minimal heat generation. * **Insulation Resistance:** High resistance (typically **>500MΩ**) to prevent short-circuiting between the dense pins. * **Dielectric Withstanding Voltage:** The ability to withstand high voltage spikes (e.g., 250V AC for 1 minute) without breakdown. --- ### 3. Material Composition The electronic reliability of the connector depends on the quality of its materials: 1. **Housing:** Made of high-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer) to withstand SMT reflow soldering temperatures. 2. **Contacts:** Usually copper alloy for conductivity, plated with **Gold (Au)** or **Tin (Sn)** over Nickel to prevent oxidation and ensure a low-resistance connection. 3. **Actuator:** The moving part (flip-lock) that secures the cable, designed for high durability cycles (typically 20-50 mating cycles). --- ### 4. Applications You will commonly find the F2TS-06-R or similar 6-pin FPC connectors in: * **Mobile Devices:** Connecting small LCD screens or camera modules. * **Laptops:** Used for trackpad or keyboard backlight connections. * **Industrial:** Interface connections for small sensor arrays or LED strips. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the F2TS-06-R model?
    • ⤷ Does this connector feature a Top or Bottom contact configuration?
    • ⤷ Is this part compatible with lead-free reflow soldering processes?