F2TS-10-R/
AI

The **F2TS-10-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) FFC/FPC (Flexible Flat Cable / Flexible Printed Circuit) Connector**. These parts are essential for high-density electronic packaging, allowing for the connection of thin, flexible cables to a rigid PCB.
---
### ## Technical Specifications
Below are the general characteristics typically associated with this series of connectors:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | FFC/FPC Connector |
| **Number of Positions** | 10 Pins |
| **Pitch** | 0.5mm or 1.0mm (Series dependent) |
| **Mounting Type** | Surface Mount (SMT), Right Angle |
| **Contact Style** | Top or Bottom Contact (Slide/Flip Lock) |
| **Plating** | Tin or Gold (indicated by "R" suffix in some catalogs) |
| **Packaging** | Tape & Reel (indicated by "R") |
---
### ## Key Electronic Components & Materials
1. **Housing:** Usually made of a high-temperature thermoplastic (e.g., LCP - Liquid Crystal Polymer) to withstand the heat of reflow soldering.
2. **Actuator:** A "Slide" or "Flip-lock" mechanism used to exert pressure on the flexible cable to ensure a secure electrical connection.
3. **Contact Terminals:** Copper alloy pins that bridge the connection between the FPC cable and the PCB pads.
4. **Solder Tabs:** Metal reinforcements on the sides of the connector that provide mechanical stability so the part isn't ripped off the board during cable insertion.
### ## Application Use Cases
* **Mobile Devices:** Connecting LCD screens or camera modules to the main logic board.
* **Laptops:** Keyboard or trackpad interfaces.
* **Consumer Electronics:** Handheld gaming consoles, digital cameras, and wearables.
* **Industrial:** Compact sensor interfaces where space is a premium.
---
### ## Connection Mechanism
The "F2TS" series generally employs a **ZIF (Zero Insertion Force)** or **Non-ZIF** mechanism:
* **ZIF:** You open the latch, slide the cable in with no resistance, and then close the latch to "bite" the cable.
* **Right Angle Orientation:** The cable enters parallel to the PCB, which is ideal for low-profile devices.
- ⤷
What is the exact pitch measurement for the F2TS-10-R model?
- ⤷ How does the 'R' suffix specifically affect the packaging or plating?
- ⤷ What are the recommended reflow soldering temperature profiles for this connector?