F2TS-2A-R
AI

The **F2TS-2A-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Fast-Acting Fuse**. It is widely used in power management and circuit protection to prevent damage from overcurrent conditions.
---
## 1. Technical Specifications
The following table highlights the core electrical characteristics of the F2TS-2A-R:
| Parameter | Specification |
| :--- | :--- |
| **Rated Current** | 2.0 Amperes (2A) |
| **Rated Voltage** | 32V / 63V / 125V (Varies by series, check datasheet) |
| **Interrupt Rating** | 50A @ Rated Voltage |
| **Fuse Type** | Fast-Acting (F) |
| **Package / Case** | 1206 (3216 Metric) |
| **Mounting Type** | Surface Mount (SMD) |
| **RoHS Status** | Compliant (Lead-Free) |
---
## 2. Key Internal Components
The "Electronic Parts" within this fuse assembly are engineered for precision and thermal sensitivity:
1. **Fuse Element:** A thin metallic wire or film (often silver, copper, or an alloy) designed to melt at a specific temperature generated by a 2A current flow.
2. **Ceramic/Glass Body:** A substrate that houses the element, providing structural integrity and high insulation resistance.
3. **Termination Caps:** Silver or Gold-plated end caps that ensure low contact resistance when soldered to a PCB.
4. **Arc Quenching Material:** Internal filler (in some high-voltage variants) to extinguish the electrical arc formed when the fuse blows.
---
## 3. Part Number Breakdown (Naming Convention)
The alphanumeric code often provides specific details about the part's build:
* **F2TS:** Series designator (often indicating Fast-acting, Thin-film, or Square-ceramic technology).
* **2A:** The Current Rating (2.0 Amps).
* **R:** Indicates **RoHS compliance** and/or **Reel packaging** for automated assembly.
---
## 4. Typical Applications
Because of its small **1206 footprint** and fast response time, the F2TS-2A-R is commonly found in:
* **LCD Monitors & Televisions:** Protecting backlight inverters.
* **Battery Management Systems (BMS):** Guarding against short circuits in Li-ion packs.
* **Networking Equipment:** Protecting PoE (Power over Ethernet) ports.
* **Laptops:** Circuit protection for USB ports and DC-in jacks.
- ⤷
What is the melting integral (I2t) value for the F2TS-2A-R?
- ⤷ Can this fuse be used in AC circuits or is it DC only?
- ⤷ What are the recommended soldering temperature profiles for 1206 SMD fuses?