전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2TS-2E-R/BL

  • AI
    The **F2TS-2E-R/BL** belongs to a specific series of industrial control switches, typically categorized as a **Foot Switch** (Pedal Switch). These components are designed to provide hands-free operation for machinery, ensuring both ergonomic efficiency and safety in industrial environments. Below is a detailed breakdown of its electronic and physical specifications. --- ### 1. Technical Specifications The model number usually indicates specific features regarding the number of stages, contact arrangement, and protective shielding. | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | Foot Switch | Heavy-duty pedal-actuated switch. | | **Contact Configuration** | 2E (2 NO / 2 NC) | Double-pole, double-throw equivalent; 2 normally open and 2 normally closed contacts. | | **Action Type** | Momentary / Alternate | Usually momentary (spring return) unless specified as latching. | | **Color Coding** | BL (Blue) | Indicates the color of the housing or the pedal. | | **Protection** | R (Reset/Shield) | Often denotes a protective cover (guard) to prevent accidental activation. | | **Material** | Aluminum Alloy / Plastic | Typically a rugged die-cast aluminum housing for industrial durability. | --- ### 2. Key Electronic Components Inside the housing, the F2TS series utilizes high-precision microswitches to handle electrical loads. * **Microswitch Assembly:** The core electronic part is a snap-action microswitch. When the pedal is pressed, a mechanical lever triggers the switch contacts. * **Terminal Block:** Internal screw terminals allow for secure wiring of high-gauge industrial cables. * **Rating:** Typically rated for **10A to 15A at 250VAC**, making them suitable for direct motor control or PLC (Programmable Logic Controller) signaling. * **Earthing/Grounding:** Includes a dedicated internal grounding screw to prevent electric shock from the metallic casing. --- ### 3. Application and Usage These switches are used in environments where an operator needs their hands free to manipulate workpieces. 1. **Safety Interlocks:** Used as an "Emergency Stop" or "Dead Man's Switch" in pressing or cutting machines. 2. **Medical Equipment:** Controlling dental chairs or imaging beds. 3. **Manufacturing:** Operating soldering stations, sewing machines, or assembly line conveyors. --- ### 4. Circuit Diagram Representation In a standard wiring setup, the 2E configuration allows for two separate circuits to be controlled simultaneously: ```mermaid graph LR Input1[Line 1] --> COM1[Common 1] COM1 --> NO1[Normally Open 1 - Load A] COM1 --> NC1[Normally Closed 1 - Indicator] Input2[Line 2] --> COM2[Common 2] COM2 --> NO2[Normally Open 2 - Load B] COM2 --> NC2[Normally Closed 2 - Safety Loop] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the IP (Ingress Protection) rating for the F2TS series?
    • ⤷ Can this switch be used for DC voltage applications?
    • ⤷ How does the 'R' suffix specifically change the mechanical design?