전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2TS-32-R

  • AI
    The **F2TS-32-R** is a specific model of a **Flat Flexible Cable (FFC) to Terminal Block Adapter/Interface Module**. These devices are primarily used in industrial automation to bridge high-density ribbon cables (like those coming from a PLC or motion controller) to discrete wire terminal blocks for field wiring. --- ### 1. General Specifications The part number typically breaks down into the following functional attributes: | Feature | Description | | :--- | :--- | | **Connector Type (F2)** | FFC (Flat Flexible Cable) / IDC Ribbon Connector | | **Interface Style (TS)** | Terminal Strip / Terminal Block | | **Pin Count (32)** | 32-Pole (32 connection points) | | **Mounting (R)** | DIN Rail Mountable | --- ### 2. Key Electronic Components This module is a "passive" interface, meaning it does not contain integrated circuits (ICs) or microprocessors. Its components focus on connectivity and signal integrity: #### A. The Header Connector * **Type:** 32-pin Male Header (usually 2.54mm pitch). * **Function:** Accepts a standard IDC ribbon cable socket. * **Material:** Often gold-plated pins to ensure low contact resistance and prevent oxidation. #### B. The Terminal Blocks * **Type:** Screw-type or Spring-clamp terminals. * **Pitch:** Usually 5.0mm or 5.08mm for easier manual wiring. * **Capacity:** Rated for 24–12 AWG wire sizes. #### C. The PCB (Printed Circuit Board) * **Traces:** Copper traces route each pin from the high-density header to the individual terminal blocks. * **Voltage/Current Rating:** Typically rated for **125V AC/DC** and roughly **1A per pin**. * **Silkscreen:** The board features clear numbering (1 through 32) to prevent wiring errors. --- ### 3. Application Use-Case The F2TS-32-R is commonly found in the following environments: 1. **PLC I/O Expansion:** Connecting a 32-point PLC output card to individual relays or sensors. 2. **CNC Controllers:** Breaking out multi-pin motor driver signals to separate terminal points. 3. **Testing Rigs:** Creating a modular interface for frequently swapped test components. --- ### 4. Technical Summary Table | Parameter | Standard Value | | :--- | :--- | | **Rated Voltage** | 125V | | **Rated Current** | 1.0A per contact | | **Operating Temp** | -20°C to +50°C | | **Terminal Torque** | 0.5 Nm (for screw versions) | | **Mounting** | DIN Rail (TS35/TS32) | ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible cable types for the F2TS-32-R?
    • ⤷ Is there a version of this module that includes LED status indicators?
    • ⤷ How does the 'R' mounting bracket attach to a standard DIN rail?