전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2TS-40-R

  • AI
    ## Technical Overview of the F2TS-40-R The **F2TS-40-R** is an industrial-grade **Thermistor Temperature Sensor**, typically associated with temperature control systems, HVAC monitoring, or heat trace applications. Below is a breakdown of its electronic components, specifications, and design features. --- ### 1. Core Electronic Components The device functions as a resistive sensor that converts thermal energy into a measurable electrical signal. | Component | Function | Material/Type | | :--- | :--- | :--- | | **Sensing Element** | Changes resistance based on temperature. | NTC (Negative Temperature Coefficient) Thermistor. | | **Lead Wires** | Transmits the electrical signal to the controller. | Typically Fluoropolymer (PFA) or PVC insulated. | | **Encapsulation** | Protects the thermistor from moisture and chemicals. | Stainless Steel or high-grade Plastic probe. | | **Termination** | Connects to the main control board. | Stripped leads or modular plug. | --- ### 2. Electrical Specifications These parameters define how the part interacts with a microcontroller or a PID controller. * **Resistance at 25°C:** Usually **10k Ohms** or **40k Ohms** (depending on the specific series variation, though "40" in the model name often refers to a 40k characteristic). * **Tolerance:** Typically ±1% to ±5%, ensuring accuracy in industrial environments. * **Operating Temperature Range:** -40°C to +120°C (Standard range for the "40" series). * **Insulation Resistance:** >100MΩ at 500V DC. --- ### 3. Circuit Integration In a typical electronic circuit, the F2TS-40-R acts as a **variable resistor**. To read the temperature, it is usually integrated into a **Voltage Divider Circuit**: ```python # Simplified calculation logic for the sensor signal V_out = V_ref * (R_thermistor / (R_fixed + R_thermistor)) ``` * **R_fixed:** A precision resistor on the control board. * **V_out:** The analog voltage sent to the Analog-to-Digital Converter (ADC). * **Algorithm:** The controller uses the **Steinhart-Hart equation** to convert the resistance value back into a Celsius/Fahrenheit reading. --- ### 4. Mechanical & Environmental Features The "R" in the suffix often denotes a specific **Ruggedized** or **Remote** configuration. * **Moisture Resistance:** The internal electronics are potted in epoxy to prevent short-circuits in humid conditions. * **Thermal Response Time:** Designed for a fast "Time Constant" (typically < 10 seconds in moving air) due to the thin-wall probe design. * **EMI Shielding:** High-quality versions include a braided shield to prevent electrical noise from interfering with the low-voltage signal. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance-temperature curve (B-value) for the F2TS-40-R?
    • ⤷ How do I calibrate a PID controller to work with this specific thermistor?
    • ⤷ What are the common failure modes for these industrial temperature sensors?