AI

The **F2TS-5E-R** is a specific model of a **Thermal Link** (also known as a thermal cutoff or thermal fuse) manufactured by companies like **UCHIYA**. These components are critical safety devices designed to protect electrical circuits from overheating.
---
## 1. Technical Specifications
The F2TS-5E-R belongs to the F-series of thermal protectors. Below are the typical specifications for this part:
| Feature | Specification |
| :--- | :--- |
| **Function Type** | Non-Resettable Thermal Link |
| **Rated Operating Temperature ($T_f$)** | Approximately 100°C to 150°C (Varies by sub-batch) |
| **Rated Voltage** | 250V AC |
| **Rated Current** | 5A |
| **Lead Orientation** | Radial (Both leads exit from one side) |
| **Safety Certifications** | UL, VDE, CSA, PSE |
---
## 2. Electronic Composition
The F2TS-5E-R is composed of several key internal elements that allow it to function as a safety fuse:
* **Fusible Alloy:** The heart of the device is a small pellet made of a low-melting-point alloy.
* **Insulated Case:** Usually ceramic or heat-resistant plastic, designed to withstand high temperatures without melting.
* **Lead Wires:** Typically tin-plated copper leads for easy soldering onto PCBs.
* **Epoxy Seal:** Used to protect the internal alloy from oxidation and environmental moisture.
---
## 3. Working Principle
The device operates on a "one-shot" principle:
1. **Normal State:** The internal alloy is solid, completing the circuit and allowing current to flow through the 5A rated path.
2. **Overheat Event:** When the ambient temperature reaches the rated $T_f$ (e.g., due to a motor stall or heater failure), the alloy melts.
3. **Circuit Interruption:** Surface tension causes the melted alloy to pull apart, creating a permanent physical gap in the conductor.
4. **Open Circuit:** The power is cut off, preventing a potential fire. **Note:** Once triggered, the part must be replaced; it cannot be reset.
---
## 4. Common Applications
The F2TS-5E-R is frequently found in small household appliances and industrial equipment:
* **Small Motors:** Hairdryers, fans, and blenders.
* **Heating Elements:** Coffee makers, irons, and rice cookers.
* **Power Supplies:** Transformers and battery chargers.
* **Automotive:** Seat heaters or blower motor resistors.
---
## 5. Circuit Symbol & Identification
In a schematic diagram, the F2TS-5E-R is represented as a fuse with a "T" or a temperature symbol:
```text
F2TS-5E-R
+---------+
---| [ T ] |---
+---------+
(Thermal Fuse)
```
- ⤷
What is the main difference between the F2TS-5E-R and a resettable thermal switch?
- ⤷ How should I handle the leads during soldering to avoid damaging the thermal link?
- ⤷ Can the F2TS-5E-R be used in DC circuits instead of 250V AC?