전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2TS-70-R

  • AI
    The **F2TS-70-R** is a specific model of a **Thermal Cut-Off (TCO) Switch**, often referred to as a thermal protector or thermal fuse. These components are critical safety devices designed to interrupt an electrical circuit when temperatures exceed a specific threshold. --- ## 1. Technical Specifications The "70" in the part number typically refers to the **Rated Functioning Temperature**. Below is a breakdown of the common specifications for this series: | Parameter | Specification | | :--- | :--- | | **Model** | F2TS-70-R | | **Rated Temperature (Tf)** | 70°C (158°F) | | **Current Rating** | Typically 2A to 5A (model dependent) | | **Voltage Rating** | 250V AC | | **Tolerance** | ±5°C | | **Contact Type** | Normally Closed (NC) | | **Reset Type** | Automatic Reset (Bimetallic) | --- ## 2. Internal Components & Mechanism The F2TS series utilizes a **Bimetallic Disc** mechanism. Here is how the internal parts function: 1. **Bimetallic Disc:** The core element made of two bonded metals with different expansion coefficients. At 70°C, the disc "snaps" or deforms. 2. **Actuating Pin:** As the disc snaps, it pushes an internal pin. 3. **Moving Contacts:** The pin forces the electrical contacts apart, breaking the circuit. 4. **Housing:** Usually encased in a PBT or PPS plastic or a ceramic body to withstand heat and provide insulation. 5. **Lead Wires:** Standard insulated wires for integration into a wiring harness. --- ## 3. Key Applications These parts are found in devices where overheating poses a fire risk or could damage sensitive electronics: * **Battery Packs:** Prevents thermal runaway during charging/discharging. * **Small Appliances:** Used in coffee makers, hair dryers, and fans. * **Transformers:** Protects the copper windings from melting due to overcurrent. * **Lighting Fixtures:** Ballast protection in fluorescent or high-intensity lamps. --- ## 4. Operational Diagram The F2TS-70-R operates on a simple logic loop: ```mermaid graph TD A[Normal Temp < 70°C] --> B[Contacts Closed / Circuit Live] B --> C{Temp Rises to 70°C?} C -- Yes --> D[Bimetal Snaps] D --> E[Contacts Open / Circuit Broken] E --> F[Temp Drops Below Reset Point] F --> A ``` --- ## 5. Selection Precautions When replacing or designing with the F2TS-70-R, consider the following: * **Mounting:** Ensure the flat side of the component is in direct contact with the heat source for accurate sensing. * **Reset Differential:** Since this is a "TS" (Thermal Switch) rather than a one-shot fuse, it will reset once it cools down (usually 15-30°C below the trip point). Ensure the system is safe for automatic restarts. * **Environmental Sealing:** The "-R" suffix often denotes RoHS compliance or a specific lead-wire configuration.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an F2TS thermal switch and a thermal fuse?
    • ⤷ How do I test if an F2TS-70-R is functioning correctly using a multimeter?
    • ⤷ Does this component require a specific mounting orientation for maximum sensitivity?