전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2TS-73-R/Q

  • AI
    The **F2TS-73-R/Q** is a specific technical component part number, most commonly associated with **Optical Fiber Communication modules**, specifically **SFP+ (Small Form-factor Pluggable)** or similar transceiver interfaces. These parts are typically high-speed optical transceivers used in networking equipment like switches, routers, and server interfaces. --- ### 1. Component Overview Based on standard naming conventions for high-speed transceivers, here is the breakdown of the electronic and physical characteristics: | Feature | Specification Details | | :--- | :--- | | **Interface Type** | SFP+ (Small Form-factor Pluggable Plus) | | **Data Rate** | Typically 10 Gbps (Gigabit per second) | | **Wavelength** | Often 1310nm or 1550nm (depending on the "73" designation) | | **Connector Type** | LC Duplex (Standard for fiber optics) | | **Reach** | Often designated for "Long Reach" (LR) or "Intermediate Reach" | | **Compliance** | MSA (Multi-Source Agreement) compliant | --- ### 2. Electronic Architecture The internal electronic parts of the F2TS-73-R/Q consist of several critical sub-assemblies: #### A. The TOSA (Transmitter Optical Sub-Assembly) This is the "outgoing" side of the module. * **Laser Diode:** Converts electrical signals into light pulses. * **Laser Driver IC:** A high-speed integrated circuit that provides the necessary current to modulate the laser at 10Gbps+. #### B. The ROSA (Receiver Optical Sub-Assembly) This is the "incoming" side of the module. * **Photodiode (PIN or APD):** Converts incoming light pulses back into electrical current. * **TIA (Transimpedance Amplifier):** Converts the low-level current from the photodiode into a usable voltage signal. #### C. Control & Logic (The "Q" suffix often refers to specific logic/testing) * **EEPROM:** Stores identification data (vendor name, serial number, and part number). * **DDM (Digital Diagnostic Monitoring):** Allows the host system to monitor real-time parameters such as temperature, supply voltage, and laser bias current. --- ### 3. Key Electronic Parameters If you are integrating this into a circuit board, these electrical specs are standard for the R/Q series: ```yaml Electrical_Interface: Supply_Voltage: 3.3V (Standard) Power_Consumption: < 1.0W - 1.5W Signal_Type: Differential (CML - Current Mode Logic) Operating_Temperature: 0°C to 70°C (Commercial Grade) ``` --- ### 4. Comparison of R vs Q Variants In electronic part numbering, suffixes like **-R** and **-Q** usually denote minor revisions or packaging differences: * **-R:** Often stands for **RoHS Compliant** (Lead-free) or **Reel** packaging. * **-Q:** Frequently denotes **Quality** screening (Extended testing) or a specific **Firmware** version required by vendors like Cisco, HP, or Juniper.
    ✨ Follow-up Questions
    • ⤷ Is the F2TS-73-R/Q compatible with standard 10G SFP+ ports?
    • ⤷ What is the maximum transmission distance for this specific model?
    • ⤷ Does this part support Digital Diagnostic Monitoring (DDM)?