전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2TS-74-R/K

  • AI
    The **F2TS-74-R/K** is a high-performance, precision-engineered **High-Speed Twinaxial (Twinax) Cable Assembly** typically manufactured by **Samtec**. These parts are critical components in high-bandwidth data transmission systems. --- ## 1. Component Overview The F2TS series belongs to Samtec’s high-speed cable product line. It is designed to maintain signal integrity over distance while minimizing crosstalk and EMI (Electromagnetic Interference). ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Impedance** | 100 $\Omega$ (Differential) | | **Cable Gauge** | 30 AWG (Standard for high-speed signal) | | **Construction** | Twinaxial (Two conductors sharing a shield) | | **Temperature Range** | -25°C to +105°C | | **Jacket Material** | Fluorinated Ethylene Propylene (FEP) | --- ## 2. Structural Composition The part number defines the physical and electrical characteristics of the cable: * **Twinaxial Design:** Unlike standard coaxial cables, twinax features two inner conductors. This allows for differential signaling, which is essential for noise cancellation in high-speed protocols (like PCIe or Ethernet). * **Shielding:** It utilizes high-coverage copper braiding or foil to ensure that high-frequency signals do not leak out and external noise does not interfere with the data. * **Terminations (R/K):** The "R" and "K" suffixes often denote specific connector endings or wiring schemes (e.g., right-angle vs. straight, or specific pin-out mappings). --- ## 3. Applications These parts are rarely used in consumer electronics and are primarily found in industrial and infrastructure hardware: 1. **Data Centers:** Connecting servers to high-speed switches. 2. **Backplane Wiring:** Transferring high-speed data between different PCBs in a rack system. 3. **Medical Imaging:** Handling the massive data throughput required for real-time high-resolution scans. 4. **Test and Measurement:** Used in laboratory environments where signal precision is paramount. --- ## 4. Signal Integrity Factors When integrating the F2TS-74-R/K into a system, engineers focus on: * **Insertion Loss:** The loss of signal power resulting from the insertion of the cable in the circuit. * **Skew:** The time difference between the two signals in the differential pair. The F2TS series is engineered for ultra-low skew. * **Bend Radius:** Because it is a twinaxial cable, the minimum bend radius must be respected to prevent "kinking" the internal shield, which would cause an impedance mismatch. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the F2TS-74 series?
    • ⤷ How does twinaxial cabling compare to fiber optics in short-distance applications?
    • ⤷ What are the specific termination styles for the 'R' and 'K' designations?