전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2TS-7E-R

  • AI
    ## Electronic Specifications of the F2TS-7E-R The **F2TS-7E-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized **Chip Filter/Bead**, often manufactured by companies like Taiyo Yuden or similar specialty component firms. Below is a breakdown of its electronic characteristics and technical parameters. --- ### 1. Key Technical Specifications These parts are designed for high-frequency noise suppression and power management in compact electronic circuits. | Parameter | Value/Description | | :--- | :--- | | **Component Type** | SMD Inductor / Ferrite Bead | | **Inductance / Impedance** | Varies by sub-series (typically 7 $\Omega$ to 100 $\Omega$ @ 100MHz) | | **Current Rating (Isat)** | High Current Handling (Typically 1.5A to 5A) | | **DC Resistance (DCR)** | Ultra-low (m$\Omega$ range) | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | 0805 or 1206 (Metric 2012 or 3216) | --- ### 2. Internal Construction and Materials The "Electronic Parts" aspect refers to how the component is built to manage electricity: * **Ferrite Core:** The "7E" designation often refers to a specific ferrite material blend designed for high-frequency stability and low core loss. * **Electrode Termination:** The "-R" suffix usually denotes **RoHS Compliance** and a **Tinned (Sn)** termination, ensuring the part can be soldered using lead-free processes. * **Magnetic Shielding:** These components are typically shielded to prevent Electromagnetic Interference (EMI) from affecting adjacent components on a dense PCB. --- ### 3. Application Areas Because of its high current capacity and noise filtering capabilities, the F2TS-7E-R is commonly found in: 1. **DC-DC Converters:** Used as a smoothing inductor to reduce ripple voltage. 2. **Power Lines:** Filtering high-frequency noise in smartphones, tablets, and laptops. 3. **Automotive Electronics:** Used in infotainment systems where heat resistance is critical. --- ### 4. Circuit Diagram Representation In a schematic, this part is represented as an inductor with a core. ```mermaid graph LR Input --> L1[F2TS-7E-R] L1 --> Output L1 --- Ground ``` > **Note:** Always verify the specific manufacturer's datasheet (e.g., Taiyo Yuden, Murata, or TDK) as naming conventions can vary slightly between production batches.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for the F2TS-7E-R?
    • ⤷ How does the '7E' material code affect the frequency response?
    • ⤷ Can this part be used in high-temperature automotive applications?