전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2TS-N3-R/BL

  • AI
    The **F2TS-N3-R/BL** is a specialized electronic component, typically categorized as a high-performance **Fiber Optic Transceiver** or a related industrial communication module. These parts are designed to bridge the gap between electrical signals and optical data transmission. --- ## Technical Specifications & Overview The "F2TS" series often refers to components used in robust networking or specific industrial automation systems. Below is a breakdown of its core electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fiber Optic Module | Converts electrical data into light pulses (and vice-versa). | | **Wavelength** | 1310nm / 1550nm (Typical) | Standard wavelengths for long-range data transmission. | | **Connector Type** | ST or SC | Depends on the specific sub-model (usually R/BL indicates a specific latching mechanism). | | **Voltage** | 3.3V or 5V DC | Standard low-voltage operation for PCB integration. | | **Housing** | Metal/Shielded | Provides Electromagnetic Interference (EMI) protection. | --- ## Key Electronic Parts and Functions The internal architecture of the F2TS-N3-R/BL consists of several critical sub-components: ### 1. Transmitter (TX) Section * **Light Source:** Usually a **Laser Diode (LD)** or a High-Radiance LED. It converts the incoming electrical bitstream into optical pulses. * **Driver IC:** An integrated circuit that regulates the current flowing into the light source to ensure high-speed switching and signal integrity. ### 2. Receiver (RX) Section * **Photodetector:** Typically a **PIN Photodiode** or an Avalanche Photodiode (APD) that senses incoming light and converts it back into a weak electrical current. * **Transimpedance Amplifier (TIA):** A crucial chip that converts the low-level current from the photodiode into a usable voltage signal. ### 3. Control & Interface Logic * **Signal Detect (SD):** A logic output that informs the main system whether a valid optical signal is being received. * **PCB Interface:** Gold-plated pins or pads designed for soldering directly onto a carrier board, ensuring low resistance and high reliability. --- ## Industrial Applications Due to the "N3" and "R/BL" designations (often indicating industrial-grade ruggedization), these parts are found in: 1. **Industrial Ethernet Switches:** Providing noise-immune backhaul connections. 2. **PLCs (Programmable Logic Controllers):** Allowing controllers to communicate over long distances without electrical interference. 3. **Medical Equipment:** Where isolation between electrical systems is mandatory for safety.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the F2TS-N3-R/BL?
    • ⤷ How does the 'R/BL' suffix affect the mounting or connection style?
    • ⤷ What are the recommended operating temperature ranges for this module?