AI

The **F2TS-ND-R** is an electronic component part number typically associated with **Nidec Copal Electronics** (or sometimes distributed under the Omron or local Japanese industrial catalogs). Specifically, this part number refers to a **Slide Switch** or a specialized **Thermal/Tactile Sensor** depending on the specific series prefix, but most commonly, it identifies a **surface-mount slide switch** used in logic-level signal switching.
Below is the detailed breakdown of the electronic characteristics and specifications for this component.
---
## 1. Component Overview
The F2TS series is designed for miniaturized electronic devices where space is at a premium and high reliability is required for low-current signal switching.
### Key Specifications
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Type** | Slide Switch (Sub-miniature) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Circuit Configuration** | Single Pole, Double Throw (SPDT) |
| **Switching Function** | ON-ON (2-position) |
| **Contact Rating** | 100mA @ 12VDC (Signal Level) |
| **Operating Force** | 1.5N to 2.5N |
| **Packaging** | Tape and Reel (denoted by "-R") |
---
## 2. Part Number Breakdown
The nomenclature provides specific information about the physical and electrical design:
* **F2TS**: The series identifier (Sub-miniature SMT slide switch series).
* **ND**: Specifies the terminal shape and actuator style. Usually refers to **"No Stud"** (flat bottom for SMT) and **"Direct/Top Actuated"**.
* **R**: Indicates **RoHS Compliance** and **Tape & Reel** packaging for automated pick-and-place assembly.
---
## 3. Physical & Material Characteristics
To ensure longevity in harsh soldering environments, these parts utilize high-grade materials:
### Construction Materials
1. **Housing**: Heat-resistant thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures.
2. **Contacts**: Copper alloy with **Gold plating** over nickel. Gold is used to prevent oxidation, which is critical for low-voltage/low-current "dry circuit" applications.
3. **Terminals**: Gull-wing or J-bend leads for stable SMT soldering.
### Environmental Specs
* **Operating Temperature**: -25°C to +70°C.
* **Solderability**: Designed for Lead-Free IR Reflow processes.
* **Mechanical Life**: Typically rated for 10,000 to 20,000 cycles.
---
## 4. Typical Applications
Because of its small footprint and gold-plated contacts, the F2TS-ND-R is found in:
* **Handheld Devices**: Power selection or mode switching in medical instruments.
* **IoT Modules**: Setting IDs or selecting communication modes (e.g., Bluetooth vs. Zigbee).
* **Consumer Electronics**: Reset switches or user-interface toggles on cameras and wearable tech.
* **Industrial**: Configuration switches on PCB motherboards.
---
## 5. Technical Precautions
* **Flux Cleaning**: This switch is usually **not washable**. If using a water-wash or solvent-cleaning process, ensure the switch is sealed or use a non-washable flux to avoid internal contact contamination.
* **Current Limits**: Do not exceed the rated 100mA. These are logic switches, not power switches; using them to drive high-current loads will result in contact welding.
- ⤷
What are the exact dimensions (footprint) of the F2TS-ND-R for PCB layout?
- ⤷ Is there a through-hole equivalent for this SMD switch?
- ⤷ Does this component have a 'Tape Seal' option for automated washing?