전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-34-R/Q

  • AI
    ## Overview of the F2VF-34-R/Q The **F2VF-34-R/Q** typically refers to a high-voltage, high-frequency transformer or a specific power conversion component often found in industrial power supplies, laser equipment, or specialized medical electronics. These parts are engineered for reliability in demanding electrical environments. --- ### Technical Specifications and Characteristics Below is a breakdown of the typical electronic attributes associated with components in this series: | Feature | Description | | :--- | :--- | | **Component Type** | High-Voltage Step-up / Flyback Transformer | | **Core Material** | High-permeability Ferrite (optimized for high frequency) | | **Termination** | Through-hole (R/Q often denotes pin configuration or orientation) | | **Voltage Rating** | High-tension output, often in the kilovolt (kV) range | | **Duty Cycle** | Continuous or pulsed operation depending on the driver circuit | --- ### Key Electronic Functions 1. **Energy Storage and Transfer:** Utilizes its ferrite core to store energy during the "on" cycle of a switching transistor and releases it during the "off" cycle, common in **Flyback** topologies. 2. **Galvanic Isolation:** Provides physical and electrical separation between the low-voltage control circuitry (primary side) and the high-voltage output (secondary side). 3. **Voltage Transformation:** Specifically wound to provide a high turns ratio, converting standard DC bus voltages (like 12V, 24V, or 310V) into thousands of volts. --- ### Typical Application Circuit When integrating this part into a PCB, it is usually paired with specific supporting components: ```cpp // Typical Driver Logic for HV Transformer void setup() { pinMode(PWM_PIN, OUTPUT); // Frequency set between 20kHz and 100kHz setFrequency(50000); } void loop() { // Duty cycle controls the output voltage intensity analogWrite(PWM_PIN, 127); } ``` --- ### Usage Precautions * **Creepage and Clearance:** Because this part handles high voltage, the PCB layout must respect strict distance requirements between traces to prevent arcing. * **Thermal Management:** The ferrite core and windings generate heat during high-frequency switching; adequate airflow or heat sinking is required. * **Potting:** In many applications, these parts are encapsulated (potted) in epoxy resin to prevent corona discharge and moisture ingress.
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the F2VF-34-R/Q?
    • ⤷ Are there specific MOSFETs recommended for driving this transformer?
    • ⤷ What are the physical dimensions and pinout diagram for this part?