전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-3G-R/Q

  • AI
    The part number **F2VF-3G-R/Q** typically refers to a specialized automotive relay or control module component, often associated with Ford Motor Company's engineering standards (indicated by the "F2VF" prefix). Below is a breakdown of the electronic characteristics and functional aspects of this type of component. --- ### 1. General Specifications While specific internal schematics are proprietary to the manufacturer (likely Omron or Bosch for Ford), these parts generally follow these parameters: | Attribute | Typical Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay / Control Module | | **Operating Voltage** | 12V DC (Nominal Automotive) | | **Current Rating** | 20A to 40A (Application dependent) | | **Contact Material** | Silver Tin Oxide ($AgSnO_2$) or similar alloy | | **Mounting Type** | Plug-in / ISO Terminal | --- ### 2. Part Number Breakdown (Prefix Interpretation) In the Ford part numbering system, the prefix provides context on the design era and vehicle type: * **F2**: Indicates the design decade and year (F = 1990s, 2 = 1992). * **V**: Indicates the vehicle line (typically Lincoln or full-size luxury sedans). * **F**: Indicates the design responsibility (Electronics or Electrical Division). * **3G-R/Q**: These suffixes usually denote specific revisions, hardware iterations, or packaging variations (e.g., resistor/diode suppression). --- ### 3. Key Electronic Functions Components of this series are usually involved in high-current switching for vehicle subsystems. Key features include: * **Coil Suppression:** Many "R/Q" variants include an internal **Resistor** or **Diode** across the coil (Terminals 85 and 86). This prevents Voltage Spikes (flyback voltage) from damaging the vehicle’s Engine Control Unit (ECU) when the relay is deactivated. * **Contact Configuration:** Usually **SPDT** (Single Pole Double Throw) or **SPST** (Single Pole Single Throw). * **Sealing:** Often "Flux Tight" or "Plastic Sealed" to withstand engine bay temperatures and vibrations. --- ### 4. Common Applications This part is frequently used in the following systems within the vehicle: 1. **Fuel Pump Relay:** Managing high-current delivery to the fuel pump. 2. **ABS Control:** Powering Anti-lock Braking System modules. 3. **EEC Power:** Main power relay for the Electronic Engine Control system. 4. **Blower Motor:** Controlling high-speed fan settings for HVAC. --- ### 5. Pinout Diagram (Standard ISO) Most relays in this category follow the standard 5-pin layout: ```text Pin 30: Battery Positive (High Current Input) Pin 85: Coil Ground Pin 86: Coil Trigger (12V Switched) Pin 87: Normally Open (Load) Pin 87a: Normally Closed (Optional) ```
    ✨ Follow-up Questions
    • ⤷ How do I test the internal resistor/diode using a multimeter?
    • ⤷ What are the common failure symptoms of the F2VF series relays?
    • ⤷ Are there modern equivalent parts for the F2VF-3G-R/Q?