전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-4D-R

  • AI
    ### Overview of the F2VF-4D-R The **F2VF-4D-R** is a specific model of a **Flat Cable Connector** or **Interface Module**, commonly used in industrial automation environments (such as PLC systems). It acts as a bridge between high-density ribbon cables and discrete wiring. --- ### Technical Specifications The following table outlines the primary electronic and physical characteristics of the F2VF-4D-R: | Feature | Specification | | :--- | :--- | | **Connector Type** | MIL Connector (Ribbon Cable) to Terminal Block | | **Number of Pins** | 40 Pin | | **Mounting Type** | DIN Rail Mounting (Standard 35mm) | | **Rated Voltage** | 125V AC / 24V DC (Typical) | | **Rated Current** | 1A per terminal | | **Insulation Resistance** | > 100MΩ (at 500V DC) | | **Terminal Pitch** | 7.0mm (standard for screw terminals) | --- ### Key Components and Construction #### 1. The MIL Connector (Header) The "F" in the series often refers to the **MIL-C-83503** standard connector. It features: * **Gold-plated pins:** To ensure low contact resistance and prevent oxidation. * **Ejector Latches:** Mechanical levers to secure the ribbon cable and allow for easy removal without straining the wires. #### 2. The Terminal Block (Screw Terminals) The "4D" designation usually refers to the **4-tier** or high-density arrangement of the screw terminals. * **Wiring Capacity:** Supports solid or stranded wires (typically 22-14 AWG). * **Material:** Conductive parts are usually copper alloy with tin plating, housed in flame-retardant UL94V-0 plastic. #### 3. Internal PCB The internal Printed Circuit Board (PCB) facilitates the routing from the 40-pin header to the individual screw terminals. * **Trace Width:** Designed to handle the rated 1A current safely. * **Pitch Conversion:** Converts the tight 2.54mm pitch of the ribbon cable to the wider 7.0mm pitch required for manual wiring. --- ### Common Applications 1. **PLC I/O Expansion:** Connecting Mitsubishi, Omron, or LS Electric PLCs to external sensors and actuators. 2. **Control Cabinets:** Reducing wiring time by using pre-assembled ribbon cables instead of individual point-to-point wires. 3. **Signal Testing:** Providing easy access points for multimeters to probe signals coming from a controller. ---
    ✨ Follow-up Questions
    • ⤷ Which PLC brands are most compatible with the F2VF-4D-R connector?
    • ⤷ What is the specific pin-to-terminal mapping for this 40-pin model?
    • ⤷ Are there versions of this module with LED status indicators for each I/O?