전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-5W1-R

  • AI
    Based on the part number **F2VF-5W1-R**, this component is a **Fixed Wirewound Resistor** typically manufactured by companies like **Royalohm** or similar electronic component providers. Below is a detailed breakdown of its specifications and electronic characteristics. ### 1. Part Number Deciphering | Segment | Meaning | Description | | :--- | :--- | :--- | | **F2V** | Series/Type | Cement-type Flame-proof Wirewound Resistor (Vertical mount) | | **5W** | Power Rating | 5 Watts of continuous power dissipation | | **1-R** | Resistance Value | 1.0 $\Omega$ (Ohm) | --- ### 2. Technical Specifications This component is designed for high-power applications where heat dissipation and stability are critical. * **Resistance:** $1 \Omega$ * **Tolerance:** Typically $\pm 5\%$ (Standard for J-type) * **Power Rating:** 5 Watts at $70^\circ C$ * **Construction:** * **Core:** High-grade ceramic (Alumina). * **Element:** Resistive alloy wire wound around the core. * **Encapsulation:** Housed in a rectangular ceramic (cement) case and sealed with inorganic flame-proof silica. * **Mounting Style:** Through-hole, Radial (Vertical) lead orientation. --- ### 3. Key Electronic Properties #### A. Power Dissipation The "5W" rating indicates the maximum power the resistor can handle. Using Ohm's Law ($P = I^2 \times R$), at $1 \Omega$, this resistor can handle approximately **2.23 Amps** of current before exceeding its power rating. #### B. Flame-proof Characteristics The cement housing ensures that if the resistor fails due to a massive overload, it will not catch fire or emit sparks, protecting the rest of the PCB. #### C. Temperature Coefficient Wirewound resistors generally have a low Temperature Coefficient of Resistance (TCR), meaning the resistance value stays relatively stable even as the component heats up. --- ### 4. Common Applications Due to its low resistance and high power capacity, the **F2VF-5W1-R** is commonly used for: * **Current Sensing:** Measuring current in power supplies. * **Voltage Division:** High-power voltage divider circuits. * **Inrush Current Limiting:** Protecting circuits from sudden spikes during startup. * **Audio Equipment:** Used in crossover networks for speakers.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the F2VF series 5W housing?
    • ⤷ How does a cement resistor compare to a metal film resistor in terms of noise?
    • ⤷ What is the derating curve for this resistor at temperatures above 70°C?