전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-5W5W-R

  • AI
    ## Technical Overview: F2VF-5W5W-R The **F2VF-5W5W-R** is a specific electronic component, primarily identified as a high-precision, high-power **Current Sense Resistor**. These components are critical in power management circuits for monitoring current flow by measuring the voltage drop across the resistor. --- ### 1. Key Specifications Based on the part number nomenclature, the following technical parameters define this component: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Shunt Resistor | Designed for low-resistance current sensing. | | **Power Rating** | 5 Watts | Capable of handling high thermal loads without failure. | | **Resistance Value** | 5 mΩ (Milliohms) | Ultra-low resistance to minimize power loss ($P=I^2R$). | | **Tolerance** | ±1% (Typical for 'F') | High precision for accurate measurement. | | **Mounting Style** | Surface Mount (SMD) | Designed for automated PCB assembly. | --- ### 2. Physical Construction The "R" suffix and the "5W" designation indicate a robust physical build: * **Material:** Usually constructed from a specialized metal alloy (like Manganin or NiCr) to maintain a low Temperature Coefficient of Resistance (TCR). * **Encapsulation:** Molded or coated with flame-retardant material to withstand high operating temperatures. * **Terminals:** Large contact areas to ensure low contact resistance and efficient heat dissipation into the PCB traces. --- ### 3. Electronic Functionality The F2VF-5W5W-R operates on **Ohm’s Law ($V = I \times R$)**. 1. **Current Input:** High current passes through the 5mΩ resistive element. 2. **Voltage Drop:** A very small, proportional voltage is generated across the terminals. 3. **Amplification:** This voltage is typically fed into a Current Sense Amplifier or a Microcontroller ADC to calculate the real-time amperage. --- ### 4. Typical Applications This specific part is commonly found in the following electronic environments: * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Li-ion packs. * **DC-DC Converters:** Providing feedback for over-current protection. * **Motor Controllers:** Detecting torque and load by monitoring phase currents. * **Power Supplies:** Serving as a primary shunt for digital power readouts. --- ### 5. Schematic Symbol & Usage In a circuit diagram, it is represented as a standard resistor but often features four terminals (Kelvin Connection) to eliminate the resistance of the leads from the measurement. ``` Line In >-------[ R: 5mΩ ]-------< Load | | | | (To Sense Amplifier) ```
    ✨ Follow-up Questions
    • ⤷ What is the Temperature Coefficient (TCR) for the F2VF series?
    • ⤷ How does a Kelvin connection improve accuracy in this resistor?
    • ⤷ What are the recommended PCB footprint dimensions for the 5W package?