전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-5WD-R

  • AI
    ### F2VF-5WD-R: Technical Specifications and Overview The **F2VF-5WD-R** is a specific electronic component, commonly identified as a **miniature power relay** or an **automotive-grade electromechanical relay**. These components are designed to control high-current circuits using a low-power signal. --- ### 1. General Specifications The part number typically breaks down into the following technical characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Electromechanical Relay | | **Mounting Type** | Through-Hole (PCB Mount) | | **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Nominal Voltage** | 12V DC (Standard for automotive/industrial) | | **Contact Material** | Silver Alloy (often AgSnO2 for arc resistance) | --- ### 2. Internal Electronic Parts The F2VF-5WD-R consists of four primary internal electronic/mechanical sections: #### A. The Coil (Input Side) * **Function:** Converts electrical energy into a magnetic field. * **Specifications:** Copper wire wound around a core. The "5WD" designation often refers to the coil sensitivity or resistance rating, designed to operate efficiently at a specific wattage. #### B. The Armature and Spring * **Function:** The moving mechanism. When the coil is energized, the armature is pulled toward the core. * **Material:** Ferromagnetic steel for the armature and high-tensile stainless steel for the return spring. #### C. Contacts (Output Side) * **Function:** The physical switch that closes or opens the high-power circuit. * **Rating:** Typically rated for **20A to 30A** at 14VDC, making it suitable for automotive lighting, pumps, and motors. #### D. The Housing * **Material:** PBT (Polybutylene Terephthalate) or similar heat-resistant plastic. * **Sealing:** The "-R" suffix often indicates a **Reflow-soldering** compatible or **Resin-sealed** (washable) construction, protecting the internal parts from dust and flux. --- ### 3. Common Applications Due to its robust construction, the F2VF series is used in: * **Automotive Systems:** Power windows, central locking, and seat adjustment motors. * **Industrial Control:** Small motor starters and PLC output modules. * **Home Appliances:** HVAC controllers and washing machine timers. --- ### 4. Circuit Diagram Representation In a schematic, the F2VF-5WD-R is represented as follows: ```text (Coil Pins) (Switch Pins) [ 1 ]----( Coil )----[ 2 ] [ 3 ] (Common) | / (Switch Contact) [ 4 ] (Normally Open) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the F2VF-5WD-R?
    • ⤷Can this relay be used in 24V systems
    • ⤷ or is it strictly 12V?
    • ⤷What are the pin dimensions and layout for PCB footprints?