전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-62-R/Q

  • AI
    The **F2VF-62-R/Q** is a specific part number typically associated with automotive fuel systems, specifically **Fuel Injectors**. These components are electromechanical devices that bridge the gap between the vehicle's electronic control unit (ECU) and the mechanical combustion process. --- ### 1. Component Overview The "F2VF" prefix is part of the Ford Motor Company engineering part numbering system (often found in Ford, Lincoln, and Mercury vehicles). The "Q" or "R" suffix usually denotes specific flow rates or revisions for different engine displacements. ### 2. Electronic Characteristics From an electronic perspective, these injectors operate as **Solenoid-Driven Valves**. | Feature | Description | | :--- | :--- | | **Actuation Type** | Electromagnetic Solenoid | | **Input Signal** | Pulse Width Modulation (PWM) from the ECU | | **Operating Voltage** | 12V - 14.4V DC (Standard Automotive) | | **Impedance Type** | High Impedance (Saturated) - approx. 12-16 Ohms | | **Connector Type** | EV1 (Minitimer) or Jetronic style | ### 3. Electronic Working Principle The electronic operation follows a specific cycle: 1. **Energizing:** The ECU completes the ground circuit, sending current through the internal copper coil. 2. **Magnetic Field:** The current creates a magnetic field that pulls an internal plunger (pintle) upward against a spring. 3. **Fuel Delivery:** The mechanical valve opens, allowing pressurized fuel to spray through the nozzle. 4. **De-energizing:** The ECU breaks the circuit; the magnetic field collapses, and the spring forces the valve shut. ### 4. Technical Specifications The F2VF-62 series generally adheres to the following technical profile: * **Flow Rate:** Typically rated at approximately **19 lbs/hr** (at 39-43.5 PSI). * **Spray Pattern:** 4-hole orifice plate (providing better atomization than older single-pintle designs). * **Duty Cycle:** Controlled electronically to prevent overheating; usually should not exceed 80% under continuous load. --- ### 5. Maintenance & Diagnostics Because these are electronic parts, common failures can be diagnosed using a Digital Multimeter (DMM): ```python # Diagnostic Logic for F2VF-62-R/Q def check_injector_health(resistance_ohms): if 11.0 <= resistance_ohms <= 16.0: return "Electronic Coil is Healthy" elif resistance_ohms < 1.0: return "Short Circuit - Replace Injector" else: return "Open Circuit/High Resistance - Replace Injector" ```
    ✨ Follow-up Questions
    • ⤷ How do I test the resistance of this specific injector with a multimeter?
    • ⤷ What are the common symptoms of an electronic failure in the F2VF-62-R/Q?
    • ⤷ Can this injector be swapped with a higher flow rate model without ECU tuning?