전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-64W-R

  • AI
    The **F2VF-64W-R** is a specific automotive-grade connector component, typically part of a wiring harness system used in Ford vehicles. It belongs to the **F2VF** series, which is characterized by its high-density pin configuration and environmental sealing. --- ## 1. Component Overview The F2VF-64W-R is a **64-Way (64-Pin) Female Housing Connector**. It is primarily used for complex electrical routing, such as Engine Control Modules (ECM) or Body Control Modules (BCM), where high signal density is required. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Positions** | 64 Pins | | **Gender** | Female (Socket Housing) | | **Series** | Ford F2VF / Automotive Sealed Series | | **Contact Type** | Crimp-style terminals | | **Material** | High-temperature, glass-reinforced thermoplastic | | **Color** | Usually Black or Grey (depending on keying) | --- ## 2. Key Electronic Features * **Sealing Technology:** These connectors are designed to be weather-resistant, utilizing internal rubber seals (gaskets) and individual wire seals to prevent moisture and dust from corroding the electrical contacts. * **Terminal Retention:** It uses a Secondary Locking Mechanism (often a TPA - Terminal Position Assurance) to ensure that pins do not back out under high vibration. * **Mechanical Keying:** The "R" or specific suffix often denotes a specific keying pattern to prevent "mismating" (plugging the wrong cable into the wrong port). * **Current Capacity:** While the housing itself doesn't carry current, it is designed for signal-level currents (typically 0.5A to 10A depending on the specific pin gauge used). --- ## 3. Common Applications Due to the high pin count (64 pins), this part is almost exclusively found in: 1. **Powertrain Control Modules (PCM):** Connecting the engine sensors to the main computer. 2. **Instrument Clusters:** Driving multiple displays and indicators on a dashboard. 3. **Junction Boxes:** Acting as a central hub for interior vehicle wiring. --- ## 4. Maintenance and Repair If you are working with this part, keep the following in mind: * **Terminal Removal:** A specialized extraction tool is required to remove the pins without damaging the plastic locking tabs. * **Crimping:** Use only automotive-grade crimpers to ensure the gas-tight connection necessary for low-voltage signals. * **Corrosion:** Check for green or white powdery residue inside the housing, which indicates a seal failure.
    ✨ Follow-up Questions
    • ⤷ What are the compatible crimp terminals for the F2VF-64W-R housing?
    • ⤷ How do I identify the pinout diagram for this 64-way connector?
    • ⤷ What is the specific extraction tool model needed for Ford F2VF series connectors?