전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-A4W-R

  • AI
    ### F2VF-A4W-R: Overview and Technical Details The **F2VF-A4W-R** is a specific model of a **Mini-DisplayPort to HDMI Adapter**, commonly utilized in professional computing environments, digital signage, and workstation setups to bridge video output interfaces. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Connector** | Mini-DisplayPort (Male) | | **Output Connector** | HDMI Type A (Female) | | **Signal Type** | Passive / Active Conversion (Passive typically) | | **Max Resolution** | 1080p (1920 x 1080) @ 60Hz | | **Audio Support** | Yes (Compressed & Uncompressed) | | **Color** | White | --- ### 2. Electronic Components & Internal Architecture While this is a plug-and-play adapter, the internal PCB (Printed Circuit Board) contains several critical electronic parts to manage signal integrity: * **Level Shifter IC:** Because Mini-DisplayPort and HDMI use different signaling voltages (DisplayPort uses LVDS-like signals, while HDMI uses TMDS), a level shifter chip is used to adjust the voltage levels so the HDMI monitor can read the data. * **EEPROM:** A small memory chip that stores the **EDID** (Extended Display Identification Data). This allows the source device (PC/Laptop) to communicate with the monitor to determine supported resolutions and refresh rates. * **Filter Capacitors:** Small surface-mount capacitors used to reduce electromagnetic interference (EMI) and ensure a clean power supply to the internal ICs. * **Gold-Plated Contacts:** To prevent oxidation and ensure low-resistance connectivity over time. --- ### 3. Functional Pinout Mapping The conversion involves mapping the DisplayPort lanes to HDMI channels. Below is a simplified representation of how the electronic signals are routed: | Mini-DP Pin | Signal Type | Corresponding HDMI Pin | | :--- | :--- | :--- | | ML_Lane 0 | Main Link Data | TMDS Data 2 | | ML_Lane 1 | Main Link Data | TMDS Data 1 | | ML_Lane 2 | Main Link Data | TMDS Data 0 | | AUX Channel | Auxiliary Data | DDC Clock/Data | | HPD | Hot Plug Detect | Hot Plug Detect | --- ### 4. Common Use Cases * **Apple Hardware:** Connecting older MacBooks, MacBook Pro, or iMacs (pre-USB-C era) to modern TVs. * **Surface Pro Devices:** Connecting Microsoft Surface tablets to projectors. * **Enterprise Workstations:** Enabling multi-monitor setups on graphics cards like the NVIDIA Quadro or AMD FirePro series that utilize Mini-DP outputs.
    ✨ Follow-up Questions
    • ⤷Does the F2VF-A4W-R support 4K resolution or only 1080p?
    • ⤷ Is this adapter 'Active' or 'Passive'
    • ⤷ and why does it matter for multi-monitor setups?
    • ⤷ What is the difference between Mini-DisplayPort and Thunderbolt 2 in the context of this adapter?