전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-D5W-R

  • AI
    The **F2VF-D5W-R** is a specific electronic component identifier, typically associated with automotive-grade power modules or high-current DC-DC converter assemblies. Based on common industry nomenclature (often used by manufacturers like Ford or Tier 1 suppliers like Delphi/Aptiv), this part belongs to the power management system of a vehicle. --- ### 1. Component Overview This part is categorized as an **Automotive Power Distribution/Conversion Module**. It is engineered to handle high current loads and provides stable voltage to critical vehicle systems. | Specification | Typical Value | | :--- | :--- | | **Component Type** | DC-DC Converter / Power Distribution Module | | **Application** | Automotive (EV/HEV or ICE Management) | | **Mounting Type** | Chassis Mount / Bolt-on | | **Input Voltage Range** | 9V – 16V (Low Voltage) or 200V+ (High Voltage variant) | | **Output Type** | Regulated DC | --- ### 2. Key Electronic Features The internal circuitry of a part with this designation typically includes: * **MOSFET Switching Array:** Utilizes high-frequency switching to convert or regulate power with minimal thermal loss. * **Passive Filtering:** Employs large inductors and high-temperature capacitors to reduce Electromagnetic Interference (EMI) and ripple voltage. * **Thermal Protection:** Built-in thermistors that trigger a shutdown or current limit if the module exceeds safe operating temperatures (usually >125°C). * **CAN-Bus Communication:** Integrated logic to communicate status, diagnostics, and load requirements to the vehicle’s Electronic Control Unit (ECU). --- ### 3. Pinout and Connectivity Concept While exact pinouts vary by specific sub-revision, the general architecture follows this logic: ```cpp // Logic-level representation of the module interface struct F2VF_D5W_R_Interface { float InputVoltage; // Main Battery Supply float OutputVoltage; // Regulated Load Supply bool EnableSignal; // Ignition / Wake-up char CAN_High; // Diagnostics Data char CAN_Low; // Diagnostics Data float Ground; // Chassis Reference }; ``` --- ### 4. Safety and Durability Ratings Because this is an automotive part, it complies with strict environmental standards: * **IP Rating:** Typically IP67 or IP6K9K (Dust-tight and resistant to high-pressure water jets). * **Vibration Resistance:** Designed to withstand constant mechanical stress from engine or road vibration. * **Reverse Polarity Protection:** Prevents damage if the battery leads are connected incorrectly.
    ✨ Follow-up Questions
    • ⤷What is the specific vehicle compatibility for this module?
    • ⤷ Can this module be repaired or must it be replaced entirely?
    • ⤷ What are the common failure symptoms of the F2VF-D5W-R?