F2VF-F4W-R/Q
AI

The part number **F2VF-F4W-R/Q** typically refers to a specialized automotive-grade connector or housing component, often associated with Ford motor vehicles (F2VF prefix) and manufactured by companies like **Molex** or **TE Connectivity** under specific OEM contracts.
Below is the technical breakdown of the electronic and structural characteristics of this component.
---
### 1. Technical Specifications Overview
The "F4W" segment generally indicates a **4-Way (4-pin)** configuration. These are used for low-voltage signal transmission or power delivery in harsh environments.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Sealed Automotive Connector Housing |
| **Pin Count** | 4-Pin (4-Way) |
| **Pitch** | Typically 1.5mm or 2.8mm (depends on series) |
| **Contact Gender** | Female (Socket) |
| **Color/Keying** | Color-coded (usually black or grey) with physical keying |
| **Material** | High-temp glass-filled PBT / Nylon |
| **Sealing** | Silicon Rubber (Waterproof/Dustproof) |
---
### 2. Physical Design & Features
* **Sealing (IP Rating):** These parts are designed to meet **IP67 or IP69K** standards, making them resistant to high-pressure wash-downs and submersion.
* **Secondary Locking (TPA):** Usually features a Terminal Position Assurance (TPA) mechanism. This is a plastic insert that ensures the metal terminals are fully seated and cannot back out under vibration.
* **Locking Tab:** A robust "click-to-lock" thumb latch ensures the connector remains mated even in high-vibration environments (like an engine bay).
---
### 3. Application Areas
In the automotive ecosystem, the **F2VF-F4W** series is commonly used for:
1. **Sensors:** Oxygen sensors (O2), MAF sensors, and throttle position sensors.
2. **Lighting:** LED headlight assemblies or fog light connections.
3. **Actuators:** Door lock actuators or fuel pump assemblies.
---
### 4. Wiring and Terminals
While the "F2VF-F4W-R/Q" is the **housing**, it requires compatible metal terminals to function.
```yaml
Terminal_Compatibility:
- Wire_Gauge: 18-22 AWG (Common)
- Plating: Tin or Silver-plated Copper Alloy
- Insertion: Rear-entry with silicone wire seals
```
### 5. Part Number Suffix Decoding
* **R/Q:** These often refer to packaging or internal revisions.
* **R:** Usually denotes "Reel" (for automated assembly) or a specific "Right-hand" keying.
* **Q:** Often indicates a "Quality" check standard or a specific batch code for OEM traceability.
---
- ⤷
What are the compatible terminal part numbers for the F2VF series?
- ⤷ Can you provide the wiring pinout diagram for a standard 4-way Ford sensor connector?
- ⤷ What is the temperature rating for the PBT material used in these connectors?