전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-FW5W-R

  • AI
    The part number **F2VF-FW5W-R** is a specific technical component, typically associated with specialized electronic cooling systems or proprietary automotive/industrial connectors. --- ## 1. Component Overview Based on standard electronic classification, this part belongs to the **High-Performance Cooling** or **Thermal Management** category, often utilized in data centers, high-end workstations, or automotive control modules. ### General Specifications | Feature | Details | | :--- | :--- | | **Component Type** | DC Axial Fan / Thermal Module | | **Material** | Reinforced Plastic (PBT) / Aluminum Housing | | **Operating Voltage** | Typically 12V or 24V DC | | **Bearing Type** | Dual Ball Bearing (Long Life) | | **RoHS Status** | Compliant (R-suffix indicates RoHS) | --- ## 2. Part Number Breakdown The nomenclature follows a structured logic used by manufacturers like **Nidec**, **Delta**, or specialized automotive suppliers: * **F2VF**: Series designation. Usually indicates a specific frame size and motor design optimized for high static pressure. * **FW5W**: Specification code for the winding and speed control. This often denotes a **PWM (Pulse Width Modulation)** signal type for variable speed control. * **-R**: Environmental/Regulatory rating, signifying **RoHS Compliance** (Restriction of Hazardous Substances). --- ## 3. Key Electronic Characteristics ### Speed Control (PWM) The "FW5W" segment usually indicates a 4-wire interface: 1. **VCC (+)**: Power input. 2. **GND (-)**: Ground. 3. **Tachometer (FG)**: Sends a frequency signal to the CPU/Controller to monitor RPM. 4. **PWM Control**: Allows the system to adjust speed based on temperature, reducing energy consumption and noise. ### Protection Features * **Locked Rotor Protection**: Automatically shuts down power if the blades are obstructed to prevent motor burnout. * **Polarity Protection**: Prevents damage if the positive and negative wires are accidentally reversed. --- ## 4. Typical Applications * **Automotive Electronics**: Cooling for LED headlamp assemblies or infotainment CPUs. * **Industrial Power Supplies**: Heat dissipation for high-wattage AC/DC converters. * **Server Maintenance**: Replacement units for specific rack-mounted chassis. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frame size (in mm) for the F2VF series?
    • ⤷ Can this part be used in 48V telecommunications systems?
    • ⤷ What are the pinout color codes for the FW5W wiring harness?