F2VF-G1-R
AI

The part number **F2VF-G1-R** refers to a high-performance **Fiber Optic Receiver** module, typically manufactured by companies like **Finisar** (now part of II-VI/Coherent) or similar specialized optical component vendors. These are primarily used in high-speed digital communications.
---
### 1. Component Overview
The "R" in the suffix typically denotes that this specific part is a **Receiver**, whereas a "T" would denote a Transmitter. This component is designed to convert incoming optical signals (light) into electrical signals (voltage).
### 2. Technical Specifications
While specific datasheets can vary by manufacturer, the F2VF series generally adheres to the following parameters:
| Parameter | Typical Specification |
|:--- |:--- |
| **Component Type** | Fiber Optic Receiver (Digital) |
| **Data Rate** | Typically 155 Mbps to 1.25 Gbps |
| **Wavelength** | 1100nm to 1650nm (Standard SM/MM range) |
| **Supply Voltage** | 3.3V or 5.0V DC |
| **Interface** | TTL or PECL Compatible |
| **Package Style** | 1x9 Pin or Small Form Factor (SFF) |
---
### 3. Internal Electronic Architecture
The internal circuitry of the F2VF-G1-R consists of several critical stages:
1. **Photodetector (PIN Diode):** Converts incoming photons into a small displacement current.
2. **Transimpedance Amplifier (TIA):** A low-noise pre-amplifier that converts the weak current from the photodiode into a measurable voltage.
3. **Limiting Amplifier (Post-Amp):** Stabilizes the voltage levels to provide a clean digital output (High/Low) regardless of the input optical power variations.
4. **Quantizer:** Ensures the output waveform has sharp edges (fast rise/fall times) for digital processing.
---
### 4. Common Applications
This part is commonly found in legacy and industrial networking hardware:
* **Ethernet Switches:** For fiber-to-copper media conversion.
* **Industrial Control Systems:** Used in environments where electrical interference (EMI) makes traditional copper wiring unreliable.
* **Telecommunications:** SONET/SDH equipment for long-haul data transmission.
---
### 5. PIN Configuration (Typical 1x9)
If the component is in a standard 1x9 package, the pinout usually follows this logic:
| Pin Number | Function | Description |
|:--- |:--- |:--- |
| 1 | **Vee** | Receiver Ground |
| 2 | **RD+** | Receiver Data Out (Positive) |
| 3 | **RD-** | Receiver Data Out (Negative) |
| 4 | **SD** | Signal Detect (High when light is present) |
| 5 | **Vcc** | Receiver Power Supply |
- ⤷
What are the key differences between the G1 and G2 versions of this series?
- ⤷ How do I test the Signal Detect (SD) pin functionality?
- ⤷ Is this component compatible with Single-Mode or Multi-Mode fiber?