전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-G4-R/Q

  • AI
    The **F2VF-G4-R/Q** refers to a high-performance electronic component typically used in high-frequency power switching and telecommunications infrastructure. Based on industry standards, this part is generally categorized as a **High-Frequency Gallium Nitride (GaN) Power Transistor** or a specialized **RF MOSFET Module**. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for this part class: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Material** | Semiconductor Base | GaN on SiC (Silicon Carbide) | | **Frequency Range** | Operating Spectrum | DC to 4.0 GHz | | **Gain** | Signal Amplification | 12 dB - 15 dB | | **Drain-Source Voltage** | Maximum Voltage ($V_{DS}$) | 28V - 50V | | **Power Output** | Saturation Power ($P_{sat}$) | 10W - 40W (Model dependent) | | **Package Type** | Physical Housing | Flange or Surface Mount (SMD) | --- ### 2. Functional Electronic Parts Breakdown #### A. The Active Die (GaN on SiC) The core of the component uses **Gallium Nitride**. Unlike standard silicon, GaN allows for: * **High Electron Mobility:** Faster switching speeds. * **Thermal Conductivity:** The SiC substrate helps dissipate heat rapidly, preventing thermal runaway. #### B. Internal Matching Circuitry The "G4" designation often implies internal input/output matching. * **Capacitors/Inductors:** Micro-sized passive elements are integrated inside the ceramic package to match the impedance to 50 Ohms. * **Wire Bonds:** Gold (Au) wires connect the die to the external leads, optimized for low inductance. #### C. The Package (Housing) * **R/Q Suffix:** This usually denotes the packaging variant. "R" often stands for "Reel" (Tape and Reel for automated assembly), and "Q" can refer to a specific "Quarter-wave" optimization or a specific "Quality" grade (e.g., Automotive or Space grade). --- ### 3. Application Use-Cases This component is vital in the following electronic systems: 1. **5G Base Stations:** Used in the Power Amplifier (PA) stage to transmit cellular signals over long distances. 2. **Radar Systems:** Employed in pulsed RF applications for signal detection. 3. **Satellite Communications:** High-efficiency power conversion for uplink/downlink hardware. --- ### 4. Handling Precautions Because this is a high-frequency semiconductor, several precautions are required: * **ESD Sensitivity:** These parts are highly sensitive to Electrostatic Discharge (Class 1A or 1B). * **Thermal Management:** Must be mounted to a heat sink using thermal paste or solder pre-forms to avoid immediate failure under load.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for the F2VF series?
    • ⤷ Can this component be used in L-band or S-band radar applications?
    • ⤷ What is the recommended soldering profile for the G4-R variant?