전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-G5-R/Q

  • AI
    The **F2VF-G5-R/Q** is a specific part number typically associated with automotive-grade electronic relays, often manufactured by companies like **OMRON**. These components are designed for high-reliability applications within a vehicle's electrical system. --- ### 1. Component Specification Overview The suffix "R/Q" generally refers to specific packaging or quality standard variations (such as resistance to heat or specific pin plating). Below are the typical technical specifications for this class of relay: | Feature | Specification | | :--- | :--- | | **Type** | Power Relay / Automotive Relay | | **Mounting Type** | Through-hole (PCB Mount) | | **Coil Voltage** | 12V DC (Standard for automotive) | | **Contact Arrangement** | SPST (1 Form A) or SPDT (1 Form C) | | **Current Rating** | Typically 20A to 35A (Continuous) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Internal Electronic Structure The device consists of three primary electronic sections: 1. **The Coil (Input):** A copper winding that creates an electromagnetic field when 12V is applied. In the "R" variant, there is often a **suppression resistor** or diode connected in parallel with the coil to prevent "back EMF" (voltage spikes) from damaging the vehicle's Engine Control Unit (ECU). 2. **The Armature:** A moving mechanical piece attracted by the coil's magnetic field. 3. **Contacts (Output):** High-conductivity silver alloy points that open or close the high-current circuit. --- ### 3. Common Applications Because of its rugged design, the F2VF series is used to control high-load peripherals in a car: * **Fuel Pumps:** Managing the high current required to maintain fuel pressure. * **Radiator Fans:** Handling the inductive surge when cooling fans start. * **ABS Control Units:** Switching power for anti-lock braking solenoids. * **Blower Motors:** Controlling HVAC fan speeds. --- ### 4. Identification of Suffixes * **G5:** Refers to the physical size and pin configuration footprint. * **R:** Often indicates **Resistor** inclusion for transient voltage suppression. * **Q:** Usually signifies **Automotive Quality** (AEC-Q100/200 compliance) or specific North American/Japanese manufacturing standards. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q versions in terms of pinout?
    • ⤷ How do I test if an F2VF-G5 relay is faulty using a multimeter?
    • ⤷ What are the equivalent replacement parts for the F2VF series?