전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-H5-R/Q

  • AI
    Based on the part number **F2VF-H5-R/Q**, this component belongs to a series of **Automotive Grade Relays** or high-current connectors typically utilized in power distribution systems (often associated with Ford or Tier-1 automotive suppliers). Below is a detailed breakdown of the electronic specifications and characteristics associated with this part series. --- ## 1. Component Overview The **F2VF** series typically refers to a specialized automotive power relay designed for high-current switching and harsh environment reliability. ### Key Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Electromechanical Automotive Relay | | **Contact Form** | Typically SPST (1 Form A) or SPDT (1 Form C) | | **Nominal Voltage** | 12V DC (Standard Automotive) | | **Current Rating** | 20A to 40A (depending on thermal conditions) | | **Mounting Type** | PCB Mount or Plug-in (ISO Footprint) | | **Suffix Significance** | **-R**: Resistor suppressed / **-Q**: High-quality/Quick-connect variant | --- ## 2. Technical Characteristics ### Electrical Performance * **Coil Resistance:** Usually ranges between 60Ω to 120Ω for 12V systems. * **Contact Material:** Silver Tin Oxide ($AgSnO_2$), which provides excellent resistance to welding and material transfer during high-load switching. * **Suppression:** The "R" in the suffix often indicates an internal **Resistor** wired in parallel with the coil to suppress Voltage Spikes (EMF) when the relay is de-energized, protecting sensitive ECU electronics. ### Environmental Durability 1. **Temperature Range:** Rated for $-40^\circ\text{C}$ to $+125^\circ\text{C}$ to withstand engine bay heat. 2. **Vibration Resistance:** Designed to meet automotive standards (SAE/ISO) for mechanical shock. 3. **Sealing:** Often "Flux Tight" or fully sealed to prevent ingress of dust and moisture. --- ## 3. Typical Applications These parts are commonly found in the following automotive subsystems: * **Fuel Pump Control:** High reliability required for constant operation. * **ABS Control Units:** Fast switching for safety systems. * **Heating Elements:** Rear window defoggers and seat heaters. * **Lighting Systems:** Headlight and fog light switching. --- ## 4. Internal Wiring Diagram (Typical) ```text (Coil) [ 86 ]-------( )-------[ 85 ] | [Resistor/Diode] | (Common 30) ----/ ---- (Normally Open 87) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the direct pin-compatible alternatives for the F2VF series?
    • ⤷ How do I test the internal resistor of this relay using a multimeter?
    • ⤷ What is the specific difference between the 'R' and 'Q' suffixes in automotive part numbering?