전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-H5W-R

  • AI
    The part number **F2VF-H5W-R** identifies a specific series of high-voltage automotive-grade resistors, typically manufactured by companies like **Isabellenhütte** or similar specialty precision component manufacturers. These components are designed for high-current sensing and power management. --- ### 1. Component Overview The F2VF series belongs to the category of **Surface Mount (SMD) Power Resistors**. They are primarily used as shunt resistors for current measurement in harsh environments. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Current Sense / Shunt Resistor | | **Mounting Type** | Surface Mount Device (SMD) | | **Tolerance** | Typically ±1% or ±5% (depending on the suffix) | | **Application** | Automotive, Industrial Power, Battery Management | --- ### 2. Key Technical Characteristics * **Low Resistance Values:** These parts are engineered with very low resistance (milli-ohms) to minimize power loss while allowing for precise voltage drop measurements across the terminal. * **High Power Rating:** Designed to handle significant wattage (often 5W to 7W) despite their relatively small footprint. * **Thermal Stability:** Features a low Temperature Coefficient of Resistance (TCR), meaning the resistance value remains stable even as the component heats up during operation. * **AEC-Q200 Qualified:** As indicated by the "F2VF" naming convention in automotive catalogs, these parts are usually tested to withstand extreme vibrations, thermal cycling, and humidity. --- ### 3. Application Examples In modern electronics, the F2VF-H5W-R would typically be found in the following circuits: 1. **Battery Management Systems (BMS):** Monitoring the charge and discharge current of Lithium-Ion battery packs in Electric Vehicles (EVs). 2. **DC-DC Converters:** Providing feedback loops for current regulation in power supplies. 3. **Motor Control:** Sensing phase current in brushless DC (BLDC) motor drivers. --- ### 4. Part Number Breakdown (Typical) While exact manufacturer coding varies, the suffix usually denotes: * **H5W:** Power rating (e.g., 5 Watts). * **R:** Packaging format (Tape and Reel). ```json { "part_category": "Resistor", "sub_type": "Shunt / Current Sense", "material": "Metal Alloy", "mounting": "SMD/SMT" } ```
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value of the F2VF-H5W-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the recommended soldering profiles for this SMD component?