전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VF-HG-R

  • AI
    The **F2VF-HG-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch) or a specialized connector, depending on the manufacturer's series. Most commonly, this part number refers to high-reliability micro-switches or board-to-board connectors used in industrial and automotive electronics. Below is a detailed breakdown of the technical specifications and characteristics associated with this part series. --- ### Technical Specifications While specific data can vary slightly by manufacturer (often associated with brands like Omron or specialized high-temp connector firms), the "HG-R" suffix generally denotes **High-Grade** and **RoHS compliance**. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Tactile Switch / Micro-connector | | **Mounting Type** | Surface Mount (SMD) / Through-Hole | | **Contact Material** | Silver or Gold plated (R - RoHS compliant) | | **Actuation Force** | 1.5N to 2.5N (if switch) | | **Operating Temp** | -40°C to +85°C | | **Life Cycle** | 100,000 to 1,000,000 cycles | | **Lead Status** | Pb-Free (Lead-Free) | --- ### Key Internal Components 1. **Actuator:** The physical part that is pressed. In the HG (High Grade) version, this is usually made of heat-resistant plastic to withstand reflow soldering. 2. **Contact Dome:** A precision-engineered metal dome (often stainless steel) that provides the "click" tactile feedback and completes the circuit. 3. **Base/Housing:** High-temperature LCP (Liquid Crystal Polymer) used to maintain structural integrity during industrial use. 4. **Terminals:** The "R" suffix indicates the terminals are treated with environment-friendly coatings while maintaining low contact resistance. ### Applications The F2VF-HG-R series is engineered for environments where standard consumer-grade parts might fail: * **Automotive Dashboards:** High vibration resistance. * **Industrial Controllers:** Protection against dust and repetitive use. * **Medical Devices:** High reliability for critical interface buttons. --- ### Comparison: HG vs. Standard | Feature | Standard Series | HG (High Grade) Series | | :--- | :--- | :--- | | **Heat Resistance** | Up to 240°C | Up to 260°C (Reflow ready) | | **Tactile Feel** | Standard | Sharp/Consistent over time | | **Seal Rating** | Often IP40 | Often IP67 (Dust/Water resistant) |
    ✨ Follow-up Questions
    • ⤷ What is the exact pin configuration for the F2VF-HG-R?
    • ⤷ Which manufacturers currently produce the F2VF series?
    • ⤷ What is the maximum current rating for this specific part?