전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VS-12-R

  • AI
    The **F2VS-12-R** is a specific model within the F2VS series of industrial sensors, typically categorized as a **Color Mark Sensor** or **Contrast Sensor**. These are high-performance photoelectric sensors used in automation to detect registration marks on packaging materials. --- ### 1. Technical Specifications The "12-R" designation usually refers to the sensing distance and the light source color. | Feature | Specification | | :--- | :--- | | **Sensing Method** | Reflective (Coaxial) | | **Light Source** | Red LED (Visible) | | **Sensing Distance** | 12 mm (± 2 mm) | | **Supply Voltage** | 12 to 24V DC | | **Output Type** | NPN or PNP (Model dependent, usually Open Collector) | | **Response Time** | Fast (typically < 50μs) | | **Housing Material** | Plastic or Metal (Industrial Grade) | --- ### 2. Key Electronic Components Inside the F2VS-12-R, several critical electronic systems work together to ensure high-speed detection: * **Emitter (Red LED):** Projects a narrow beam of light onto the target surface. The red wavelength is chosen for its high contrast against green, black, and blue backgrounds. * **Receiver (Photodiode):** A high-sensitivity silicon photodiode captures the reflected light. It is often positioned coaxially (through the same lens as the emitter) to minimize parallax errors. * **Signal Processor (ASIC):** An internal integrated circuit converts the analog light intensity into a digital signal. It filters out ambient light noise to prevent false triggering. * **Threshold Comparator:** This circuit compares the reflected light intensity against a "taught" value. When the difference exceeds the threshold, the output state changes. * **Output Transistor:** Usually an NPN or PNP transistor that acts as a switch to signal a PLC (Programmable Logic Controller) or a servo drive. --- ### 3. Connection Diagram (General) The unit typically uses a standard 4-wire color code: ```yaml Brown: +V (12-24V DC) Blue: 0V (GND) Black: Control Output (Signal) White: External Teach / Remote Input ``` --- ### 4. Applications The F2VS-12-R is engineered for high-speed production lines where precision is critical: 1. **Packaging:** Detecting the "eye mark" on plastic films to trigger the cutting blade. 2. **Printing:** Monitoring color alignment (registration) on continuous webs. 3. **Labeling:** Sensing the edge of a label or a specific mark for accurate placement on bottles or boxes.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Red LED and Green LED versions of this sensor?
    • ⤷ How do you perform the 'Teach' function on the F2VS series?
    • ⤷ Can this sensor detect transparent marks on clear film?