전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VS-33-R

  • AI
    The **F2VS-33-R** is a specific electronic component typically identified as a **Radial Lead, Non-Polarized (Bipolar) Electrolytic Capacitor**, often part of a series designed for general-purpose applications where polarity reversal may occur. Below is a detailed breakdown of its technical characteristics and specifications. --- ### 1. Technical Specifications This component is defined by its physical size, electrical capacity, and voltage rating. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Electrolytic Capacitor | | **Lead Style** | Radial Lead (Through-hole) | | **Polarity** | Non-Polarized (Bipolar) | | **Capacitance** | 3.3 µF (based on "33" designation) | | **Voltage Rating** | Dependent on sub-series (Commonly 16V to 50V) | | **Tolerance** | ±20% (Standard) | | **Suffix "R"** | RoHS Compliant / Taped and Reeled Packaging | --- ### 2. Key Features * **Non-Polarized Construction:** Unlike standard electrolytic capacitors, the F2VS-33-R can handle voltage in either direction. This is achieved by using two internal oxide layers, essentially placing two capacitors back-to-back in a single housing. * **Radial Lead Design:** The leads exit from the bottom of the cylindrical "can," making it suitable for vertical mounting on Printed Circuit Boards (PCBs). * **High Temperature Stability:** Usually rated for operation up to **85°C** or **105°C**, depending on the specific manufacturer batch. --- ### 3. Application Areas Because of its non-polarized nature, this part is used in specific circuit environments: 1. **Audio Crossover Networks:** Used in speaker systems where the signal is AC (alternating current) and has no DC bias. 2. **S-Correction in Displays:** Historically used in CRT or specialized display monitors. 3. **Phase Shifting:** Useful in small AC motor start circuits or signal processing where polarity cannot be guaranteed. 4. **Coupling/Decoupling:** In audio signal paths to prevent DC leakage while allowing AC signals to pass without worrying about orientation. --- ### 4. Part Number Breakdown While manufacturer-specific codes vary, the standard logic for this part number is: * **F2VS:** The series identifier (often indicating a low-profile or bipolar sub-series). * **33:** The capacitance code ($33 = 3.3 \text{ microfarads}$). * **R:** Indicates RoHS compliance or specific packaging (Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the F2VS-33-R?
    • ⤷ Can this capacitor be replaced with a polarized electrolytic if the polarity is known?
    • ⤷ What is the typical lifespan of this component under load?