전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VS-4WC-R

  • AI
    ## Technical Overview of the F2VS-4WC-R The **F2VS-4WC-R** is a specific electronic component typically classified as a **High-Frequency (RF) Coaxial Switch** or a multi-port connector module often used in telecommunications, satellite communication, and high-end testing equipment. Below is a breakdown of its core electronic characteristics and specifications. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | 4-Way Coaxial/RF Switch or Splitter Module | | **Frequency Range** | Typically DC to 3GHz (varies by sub-model) | | **Impedance** | 50 Ohms (Standard for RF applications) | | **Connector Type** | SMA or F-Type (depending on the housing configuration) | | **Switching Mechanism** | Electromechanical or Solid State (Solid state provides faster switching) | | **Voltage Rating** | 12V - 24V DC for control logic | --- ### 2. Core Electronic Components The internal architecture of the F2VS series usually consists of the following electronic parts: * **RF Relays/Diodes:** These act as the gates to direct the signal from the input to one of the four output channels (4WC stands for 4-Way Control/Connector). * **Control PCB:** A small internal printed circuit board that manages the logic signals (TTL) to ensure the correct path is opened or closed. * **Decoupling Capacitors:** Used to filter out noise from the DC power supply to ensure signal integrity across the RF path. * **Termination Resistors:** High-precision 50-ohm resistors used to terminate unused ports to prevent signal reflection (VSWR). --- ### 3. Application Use Cases This component is designed for scenarios where a single signal source needs to be distributed or toggled between four different destinations without significant signal loss. 1. **Telecommunications:** Routing signals between different antennas or base stations. 2. **Automated Test Equipment (ATE):** Switching a signal generator between four different Units Under Test (UUT). 3. **Satellite Systems:** Managing LNB (Low Noise Block) signals across multiple receivers. --- ### 4. Circuit Diagram Logic (Simplified) ```text [ Input Signal ] | V [ Logic Controller ] ---> [ Switch Matrix ] / | | \ CH1 CH2 CH3 CH4 ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling (wattage) for the F2VS-4WC-R?
    • ⤷ Is the F2VS-4WC-R compatible with digital control interfaces like I2C or SPI?
    • ⤷ What are the insertion loss specifications for this specific model?