전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VS-A0-R

  • AI
    The **F2VS-A0-R** is a specific electronic component within the sensor and safety equipment category, typically associated with industrial automation systems (specifically Omron F2VS series). It is primarily used as a **Vision Sensor System** component, often serving as an interface or controller for visual inspection. --- ### 1. Technical Specifications The F2VS series is designed for basic vision tasks like pattern matching, presence detection, and positioning. Below are the general technical parameters for this specific part: | Feature | Specification | | :--- | :--- | | **Model** | F2VS-A0-R | | **Product Category** | Vision Sensor Interface / Controller | | **I/O Type** | NPN/PNP Configurable (Series dependent) | | **Supply Voltage** | 24 VDC ± 10% | | **Connection Type** | Multi-pin connector / Circular Terminal | | **Mounting** | DIN Rail or Screw Mount | --- ### 2. Key Electronic Components & Subsystems Internally, the F2VS-A0-R consists of several critical electronic blocks: * **Microprocessor/DSP:** The "brain" of the unit that processes image data captured by the connected camera head. It executes logic algorithms to determine Pass/Fail status. * **Image Buffer Memory:** Volatile memory used to store high-speed frame data before processing. * **Communication Interface:** * **RS-232C or Ethernet:** Used for transmitting results to a PLC or PC. * **Trigger Input:** High-speed optoisolated input to initiate image capture. * **Protection Circuitry:** Built-in safeguards against reverse polarity, overcurrent, and electromagnetic interference (EMI) common in industrial environments. --- ### 3. Functional Pinout/Wiring Overview While the exact pinout can vary by manufacturing batch, the standard configuration for the F2VS series usually includes: ```yaml Pin 1: +24V Power Supply Pin 2: 0V (GND) Pin 3: Trigger Input (Capture signal) Pin 4: Control Output (OK/Pass) Pin 5: Control Output (NG/Fail) Pin 6: Ground/Shield ``` --- ### 4. Typical Applications The F2VS-A0-R is integrated into production lines for the following purposes: 1. **Label Verification:** Ensuring a label is present and correctly oriented. 2. **Part Counting:** Verifying the number of items in a package via visual confirmation. 3. **Orientation Detection:** Determining if a part is right-side up before a robotic arm picks it up.
    ✨ Follow-up Questions
    • ⤷ What are the compatible camera heads for the F2VS-A0-R?
    • ⤷ How do I configure the trigger delay settings for this vision sensor?
    • ⤷ What is the difference between the F2VS-A0-R and the F2VS-A1-R models?