전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VS-C5W-R

  • AI
    ## Detailed Overview of the F2VS-C5W-R The **F2VS-C5W-R** is a specific model within the **F2VS Series** of high-speed vision sensors, typically manufactured by companies like **OMRON**. These components are integrated into automated production lines for inspection, presence detection, and quality control. --- ### 1. Key Specifications The electronic architecture of this part is designed for industrial-grade reliability and high-speed data processing. | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | CMOS Monochrome (High-speed) | | **Resolution** | Standard VGA or Megapixel (depending on specific configuration) | | **Frame Rate** | Up to several hundred frames per second (fps) | | **I/O Interface** | PNP/NPN selectable, RS-232C, or Ethernet (model specific) | | **Cable Type** | Robot-rated / High-flexibility (indicated by the "-R" suffix) | | **Power Supply** | 24V DC | --- ### 2. Electronic Components & Internal Architecture The F2VS-C5W-R consists of several critical electronic sub-systems: #### A. Imaging Core (The "C5W" Designation) * **CMOS Image Sensor:** Converts light into electrical signals. Unlike CCDs, CMOS sensors allow for faster readout speeds and lower power consumption. * **A/D Converter:** An integrated Analog-to-Digital converter translates the sensor's voltage levels into binary data for the processor. #### B. Processing Unit * **FPGA/DSP Engine:** The heart of the unit. It performs real-time image processing (edge detection, pattern matching, area calculation) directly on the hardware level to minimize latency. * **Memory Buffer:** High-speed RAM used to store frames during high-speed burst captures. #### C. Connectivity & Protection * **Opto-Isolators:** The input and output (I/O) pins are electronically isolated to protect the internal circuitry from voltage spikes common in factory environments. * **Voltage Regulators:** Internal DC-DC converters that step down the 24V DC input to the 3.3V or 5V required by the logic chips. --- ### 3. Understanding the Suffixes The part number breaks down into specific electronic and mechanical traits: 1. **F2VS:** The series name (Vision Sensor). 2. **C5W:** Indicates the sensor resolution/color mode (typically monochrome for high-speed contrast detection). 3. **-R:** Stands for **Robot Cable**. This means the internal wiring is composed of high-strand-count copper designed to withstand millions of bending cycles without electronic failure or signal degradation. --- ### 4. Typical Applications * **Connector Inspection:** Checking for bent pins in electronic assembly. * **Label Orientation:** Ensuring labels are correctly applied to moving targets. * **High-Speed Counting:** Counting electronic components on a conveyor.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the 24V DC power supply?
    • ⤷ Does this model support EtherNet/IP for data communication?
    • ⤷ What is the maximum shutter speed supported by the F2VS-C5W-R sensor?