전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VS-F3-R/Q

  • AI
    The **F2VS-F3-R/Q** is a specific model within the **F2VS series** of vision sensors (often associated with industrial automation brands like Omron). These devices are compact, all-in-one vision systems designed for inspection, positioning, and quality control on production lines. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Technical Specifications The "R/Q" suffix typically denotes specific output configurations (NPN/PNP) or high-speed variants. | Feature | Specification | | :--- | :--- | | **Image Element** | CMOS / CCD Image Sensor (Model dependent) | | **Resolution** | Standard Resolution (typically 640 x 480 pixels) | | **Processing Power** | Integrated DSP (Digital Signal Processor) | | **Power Supply** | 20.4 to 26.4 VDC | | **Current Consumption** | Approx. 0.5A to 1.0A max | | **I/O Type** | Parallel (NPN/PNP selectable or fixed) | | **Housing Material** | Aluminum die-cast / ABS Plastic | --- ### 2. Key Electronic Components #### A. Sensing and Imaging * **Optics:** Features a built-in lens system. The F3 variant usually refers to a specific field of view (FOV) or focal length. * **Illumination:** Integrated LED ring light. This ensures consistent exposure without needing external strobes for standard applications. #### B. Processing and Logic * **Embedded Processor:** Uses a dedicated vision processor to handle edge detection, pattern matching, and area calculations locally. * **Memory:** Non-volatile internal memory stores up to 8-16 separate "scenes" or inspection programs. #### C. Interface and Connectivity * **M12 Connectors:** Robust circular connectors for power and I/O to ensure EMI/RFI shielding in industrial environments. * **Digital I/O:** * **Inputs:** Trigger (starts the inspection), Bank selection (changes the program). * **Outputs:** OR (Overall Result), PASS/FAIL, BUSY, and ERROR signals. * **Console Port:** A dedicated port for a handheld programmer or a PC-based setup tool. --- ### 3. Wiring Configuration (General) The electronics are designed to interface directly with PLCs (Programmable Logic Controllers). ```mermaid graph LR A[Power 24VDC] --> B[F2VS Sensor] C[Photoelectric Trigger] --> B B --> D[PLC Input - PASS] B --> E[PLC Input - FAIL] B --> F[Reject Arm/Actuator] ``` --- ### 4. Distinctive Features of the "R/Q" Series * **F2VS-F3-R:** Usually features a standard NPN/PNP output and is designed for general-purpose high-speed inspection. * **F2VS-F3-Q:** Often indicates a "Quick" or high-speed shutter version, designed to capture images of fast-moving objects without motion blur.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the M12 connector on this model?
    • ⤷ How do I configure the pattern matching settings using the handheld console?
    • ⤷ What is the maximum trigger frequency supported by the F2VS-F3-Q?