전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VS-H3-R

  • AI
    ### Overview of F2VS-H3-R The **F2VS-H3-R** is a specialized electronic component, typically associated with industrial automation and sensing technology. It is a high-precision, fiber-optic sensor amplifier or a similar optoelectronic control unit often used in manufacturing lines for object detection. --- ### Technical Specifications The device is designed for high-speed response and stability in harsh environments. Below are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Output Type** | NPN / PNP (Open Collector) | | **Response Time** | High-speed (typically < 200μs) | | **Power Supply** | 12 - 24V DC | | **Current Consumption** | Approx. 30mA - 45mA | | **Light Source** | Red LED (visible) or Infrared | | **Mounting Type** | DIN Rail Mounting | --- ### Core Electronic Components The internal circuitry of the F2VS-H3-R consists of several critical functional blocks: #### 1. Signal Processing Circuit * **Comparator/Schmitt Trigger:** Used to convert the analog voltage from the photo-diode into a clean digital "ON/OFF" signal. * **Threshold Adjustment:** Features a potentiometer or digital buttons to set the sensitivity level, allowing it to distinguish between background noise and the target object. #### 2. Optical Interface * **Emitter Driver:** A pulsed current driver that oscillates the LED. Pulsing the light source helps the sensor ignore ambient room lighting (interference). * **Receiver (Phototransistor):** Captures the returned light from the fiber optic cable and converts it into a low-level electrical current. #### 3. Output Protection * **Short-Circuit Protection:** Prevents damage to the internal transistors if the load is wired incorrectly. * **Reverse Polarity Protection:** Protects the unit if the $V_{cc}$ and $GND$ wires are swapped. --- ### Wiring Configuration Standard wiring for this type of industrial sensor usually follows a 3-wire or 4-wire color code: ```yaml Brown: +V (12-24V DC) Blue: 0V (GND) Black: Control Output (Load) White: Stability / Mode Selection (Optional) ``` --- ### Key Applications 1. **Small Part Detection:** Finding tiny components on a conveyor belt. 2. **Edge Sensing:** Ensuring material alignment in printing or textile machines. 3. **Presence/Absence:** Checking if a cap is present on a bottle or a lead is present on a PCB.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the F2VS-H3-R when using standard fiber optics?
    • ⤷ How do I toggle between Light-ON and Dark-ON modes on this device?
    • ⤷ Is there a specific DIN rail mounting bracket required for this model?