F2VS-K4-R
AI

The **F2VS-K4-R** is a specific electronic component, typically categorized as a **Terminal Block Connector** or a **Spring-Clamp Terminal** unit, often associated with industrial automation brands like **Keyence** (specifically for their Vision System or Sensor controller accessories).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
This part is designed to facilitate secure, screwless connections between field wiring and electronic control units.
| Feature | Specification |
| :--- | :--- |
| **Type** | Spring-clamp / Push-in Terminal Block |
| **Number of Pins** | 4-Pin |
| **Connection Method** | Cage Clamp / Spring Pressure |
| **Pitch** | Typically 3.5mm or 5.0mm (standard industrial) |
| **Mounting Type** | PCB Mount or Plugin Header |
| **Contact Material** | Copper Alloy with Tin/Gold Plating |
---
## 2. Key Electronic Components & Features
### A. Spring-Clamp Mechanism
Unlike traditional screw terminals, the "K4-R" variant uses a stainless steel spring.
- **Benefit:** Provides constant pressure on the wire, making it resistant to vibrations and thermal expansion, which prevents loose connections over time.
- **Actuation:** Usually requires a small flat-head screwdriver to press the orange/red lever to insert the wire.
### B. Contact Resistance
The internal busbars are designed for low contact resistance (typically **< 20mΩ**). This ensures minimal voltage drop across the connector, which is critical for sensitive sensor signals (like those used in Keyence F2VS systems).
### C. Housing (Insulation)
The body is made of **Polyamide (PA66)** or a similar high-grade thermoplastic.
- **Flammability Rating:** Usually UL94 V-0.
- **Dielectric Strength:** Capable of withstanding 1.5kV to 2.5kV AC for one minute without breakdown.
---
## 3. Pinout and Wiring Typical Configuration
While specific to the device it plugs into, a 4-pin configuration in this series generally follows this standard:
| Pin | Function (Typical) | Wire Gauge Compatibility |
| :--- | :--- | :--- |
| 1 | +24V DC Power | 24 - 16 AWG |
| 2 | 0V / GND | 24 - 16 AWG |
| 3 | Signal Input / Trigger | 24 - 16 AWG |
| 4 | Output / Strobe | 24 - 16 AWG |
---
## 4. Application Usage
The **F2VS-K4-R** is predominantly used in:
* **Vision Systems:** Connecting power and triggers to smart cameras.
* **Sensor Controllers:** Interfacing digital I/O between a PLC and a sensor head.
* **Vibration Environments:** Since there are no screws to back out, it is preferred in automotive assembly lines and high-speed packaging machinery.
---
- ⤷
What is the maximum current rating for the F2VS-K4-R terminal?
- ⤷ How do I properly release a wire from a spring-clamp terminal?
- ⤷ Are there 2-pin or 6-pin variants available for this specific series?